Electronic Components Datasheet Search
  English  ▼

X  

TPS3430 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS3430
Description  TPS3430 Window Watchdog Timer with Programmable Reset Delay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3430 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3430 Datasheet HTML 2Page - Texas Instruments TPS3430 Datasheet HTML 3Page - Texas Instruments TPS3430 Datasheet HTML 4Page - Texas Instruments TPS3430 Datasheet HTML 5Page - Texas Instruments TPS3430 Datasheet HTML 6Page - Texas Instruments TPS3430 Datasheet HTML 7Page - Texas Instruments TPS3430 Datasheet HTML 8Page - Texas Instruments TPS3430 Datasheet HTML 9Page - Texas Instruments TPS3430 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6.6 Timing Requirements
at 1.6 V ≤ VDD ≤ 6.5 V over the operating temperature range of –40°C ≤ TA, TJ ≤ +125°C (unless otherwise noted); the
open-drain pullup resistors are 10 kΩ for each output; typical values are at TJ = 25°C
MIN
TYP
MAX
UNIT
GENERAL
tINIT
CWD, CRST pin evaluation period(1)
381
µs
tSET
Time required between changing SET0 and SET1 pins
500
µs
SET0, SET1 pin setup time
1
µs
Startup delay (3)
300
µs
DELAY FUNCTION
tRST
Watchdog reset delay
CRST = NC
170
200
230
ms
CRST = 10 kΩ to VDD
8.5
10
11.5
ms
WINDOW WATCHDOG FUNCTION
WD ratio
Window watchdog ratio of
lower boundary to upper
boundary
CWD = programmable, SET0 = 0, SET1 = 0(2)
1/8
CWD = programmable, SET0 = 1, SET1 = 1(2)
1/2
CWD = programmable, SET0 = 0, SET1 = 1(2) (4)
3/4
tWDL
Window watchdog lower
boundary
CWD = NC, SET0 = 0, SET1 = 0
19.1
22.5
25.9
ms
CWD = NC, SET0 = 0, SET1 = 1
1.48
1.85
2.22
ms
CWD = NC, SET0 = 1, SET1 = 0
Watchdog disabled
CWD = NC, SET0 = 1, SET1 = 1
680
800
920
ms
CWD = 10 kΩ to VDD, SET0 = 0, SET1 = 0
7.65
9.0
10.35
ms
CWD = 10 kΩ to VDD, SET0 = 0, SET1 = 1
7.65
9.0
10.35
ms
CWD = 10 kΩ to VDD, SET0 = 1, SET1 = 0
Watchdog disabled
CWD = 10 kΩ to VDD, SET0 = 1, SET1 = 1
1.48
1.85
2.22
ms
tWDU
Window watchdog upper
boundary
CWD = NC, SET0 = 0, SET1 = 0
46.8
55.0
63.3
ms
CWD = NC, SET0 = 0, SET1 = 1
23.375
27.5
31.625
ms
CWD = NC, SET0 = 1, SET1 = 0
Watchdog disabled
CWD = NC, SET0 = 1, SET1 = 1
1360
1600
1840
ms
CWD = 10 kΩ to VDD, SET0 = 0, SET1 = 0
92.7
109.0
125.4
ms
CWD = 10 kΩ to VDD, SET0 = 0, SET1 = 1
165.8
195.0
224.3
ms
CWD = 10 kΩ to VDD, SET0 = 1, SET1 = 0
Watchdog disabled
CWD = 10 kΩ to VDD, SET0 = 1, SET1 = 1
9.35
11.0
12.65
ms
tWD-setup
Setup time required for device to respond to changes on WDI after being enabled
150
µs
Minimum WDI pulse duration
50
ns
tWD-del
WDI to WDO delay
50
ns
(1)
Refer to Section 8.1.2.2
(2)
0 refers to VSET ≤ VIL, 1 refers to VSET ≥ VIH.
(3)
During power-on, VDD must be a minimum 1.6 V for at least 300 µs
(4)
If this watchdog ratio is used, then tWDL(max) can overlap tWDU(min).
TPS3430
SBVS366A – JULY 2018 – REVISED OCTOBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS3430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com