Electronic Components Datasheet Search
  English  ▼

X  

TPS3430 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS3430
Description  TPS3430 Window Watchdog Timer with Programmable Reset Delay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3430 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3430 Datasheet HTML 5Page - Texas Instruments TPS3430 Datasheet HTML 6Page - Texas Instruments TPS3430 Datasheet HTML 7Page - Texas Instruments TPS3430 Datasheet HTML 8Page - Texas Instruments TPS3430 Datasheet HTML 9Page - Texas Instruments TPS3430 Datasheet HTML 10Page - Texas Instruments TPS3430 Datasheet HTML 11Page - Texas Instruments TPS3430 Datasheet HTML 12Page - Texas Instruments TPS3430 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
6.8 Typical Characteristics
all curves are taken at TA = 25°C with 1.6 V ≤ VDD ≤ 6.5 V (unless otherwise noted)
Temperature (qC)
-50
-25
0
25
50
75
100
125
364
368
372
376
380
1.6 V
6.5 V
Figure 6-4. CWD Charging Current vs Temperature
VDD (V)
0
1
2
3
4
5
6
7
0
4
8
12
16
-40qC
0qC
25qC
105qC
125qC
Figure 6-5. Supply Current vs Power-Supply
Voltage
Temperature (qC)
-50
-25
0
25
50
75
100
125
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
TPS3
Lower Boundary (tWDL)
Upper Boundary (tWDL)
Figure 6-6. Normalized Watchdog Timeout
Accuracy Over Temperature (SET0 = 1, SET1 = 1,
CWD = NC)
Temperature (qC)
-50
-25
0
25
50
75
100
125
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
TPS3
Lower Boundary (tWDL)
Upper Boundary (tWDL)
Figure 6-7. Normalized Watchdog Timeout
Accuracy Over Temperature (SET0 = 1, SET1 = 1,
CWD = 10kΩ to VDD)
www.ti.com
TPS3430
SBVS366A – JULY 2018 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS3430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com