Electronic Components Datasheet Search
  English  ▼

X  

TPS3430 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS3430
Description  TPS3430 Window Watchdog Timer with Programmable Reset Delay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3430 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS3430 Datasheet HTML 20Page - Texas Instruments TPS3430 Datasheet HTML 21Page - Texas Instruments TPS3430 Datasheet HTML 22Page - Texas Instruments TPS3430 Datasheet HTML 23Page - Texas Instruments TPS3430 Datasheet HTML 24Page - Texas Instruments TPS3430 Datasheet HTML 25Page - Texas Instruments TPS3430 Datasheet HTML 26Page - Texas Instruments TPS3430 Datasheet HTML 27Page - Texas Instruments TPS3430 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
NC
VDD1
GND
TPS3430
VDD2
3.3V
Microcontroller
SET1
V
CORE
CRST
GND
WDO
NMI
CWD
SET0
WDI
GPIO
NC
5nF
GND
Open-drain Buffer
Figure 8-9. Monitoring Microcontroller Using a Latching Window Watchdog Timer
8.2.3.1 Design Requirements - Design 3
PARAMETER
DESIGN REQUIREMENT
DESIGN RESULT
Watchdog Reset delay
Latch WDO upon watchdog fault
Latching watchdog functionality that keeps WDO
logic low when fault occurs
Watchdog window
Functions with a 1-Hz pulse-width modulation
(PWM) signal with a 50% duty cycle
Leaving the CWD pin unconnected with SET0 = 1
and SET1 = 1 produces a window with a tWDL(max)
of 920 ms and a tWDU(min) of 1360 ms
Output logic voltage
3.3-V Open-Drain
3.3-V Open-Drain
Maximum device current
consumption
200 µA
10 µA of current consumption, typical worst-case of
199 µA when WDO is asserted
8.2.3.2 Detailed Design Procedure - Design 3
8.2.3.2.1 Meeting the Latching Output Requirement - Design 3
To achieve the latching watchdog feature, an open-drain buffer is connected from WDO to CRST with a small
value capacitor connected from the Anode of the buffer connected to CRST to GND. The capacitor must be a
small value to prevent additional delay when triggering WDO to active low during watchdog fault. A capacitor
between 150 pF and 5 nF is recommended.
In Figure 8-10 below, the latching watchdog feature is shown by causing a watchdog fault and observing WDO.
Because no pulse arrived on WDI within the Watchdog Timeout, WDO activates and goes logic low and remains
low. To reset the watchdog, the device must be restarted by dropping VDD below VDD (min).
8.2.3.2.2 Setting the Watchdog Window - Design 3
The Watchdog Window is set via the CWD, SET0, and SET1 pin configurations. To achieve a Watchdog Timeout
of 1 second corresponding to a 1-Hz WDI signal, this design simply leaves CWD pin floating (NC - No Connect)
and ties SET0 and SET1 to VDD to set the SET pins to logic high. With this configuration, the Watchdog Lower
Boundary tWDL (typ) is set for 800 ms and the Watchdog Upper Boundary tWDU (typ) is set for 1.6 seconds. Refer to
Table 6.6 Timing Requirements to see the factory-programmed window watchdog timing configurations.
TPS3430
SBVS366A – JULY 2018 – REVISED OCTOBER 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS3430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com