Electronic Components Datasheet Search
  English  ▼

X  

TPS3430 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS3430
Description  TPS3430 Window Watchdog Timer with Programmable Reset Delay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3430 Datasheet(HTML) 2 Page - Texas Instruments

  TPS3430 Datasheet HTML 1Page - Texas Instruments TPS3430 Datasheet HTML 2Page - Texas Instruments TPS3430 Datasheet HTML 3Page - Texas Instruments TPS3430 Datasheet HTML 4Page - Texas Instruments TPS3430 Datasheet HTML 5Page - Texas Instruments TPS3430 Datasheet HTML 6Page - Texas Instruments TPS3430 Datasheet HTML 7Page - Texas Instruments TPS3430 Datasheet HTML 8Page - Texas Instruments TPS3430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics.............................................5
6.6 Timing Requirements..................................................6
6.7 Timing Diagrams ........................................................7
6.8 Typical Characteristics................................................ 9
7 Detailed Description......................................................10
7.1 Overview................................................................... 10
7.2 Functional Block Diagrams....................................... 10
7.3 Feature Description...................................................10
7.4 Device Functional Modes..........................................15
8 Application and Implementation.................................. 16
8.1 Application Information............................................. 16
8.2 Typical Applications.................................................. 19
9 Power Supply Recommendations................................26
10 Layout...........................................................................27
10.1 Layout Guidelines................................................... 27
10.2 Layout Example...................................................... 27
11 Device and Documentation Support..........................28
11.1 Device Support........................................................28
11.2 Documentation Support.......................................... 28
11.3 Receiving Notification of Documentation Updates.. 28
11.4 Support Resources................................................. 28
11.5 Trademarks............................................................. 28
11.6 Electrostatic Discharge Caution.............................. 28
11.7 Glossary.................................................................. 28
12 Mechanical, Packaging, and Orderable
Information.................................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (July 2018) to Revision A (October 2021)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Removed "±15% Accurate Watchdog Timeout and Watchdog Reset Delays Over Temperature"..................... 1
• Removed "15% timing accuracy (–40°C to +125°C), "....................................................................................... 1
• Updated ESD Ratings.........................................................................................................................................4
• Updated ICWD min and max spec........................................................................................................................5
• Updated VCWD min and max spec...................................................................................................................... 5
• Added a footnote to for tINIT ............................................................................................................................... 6
• Changed minimum and maximum specifications of 2nd, 5th, 6th, and 8th rows of tWDL parameter ................. 6
• Changed minimum and maximum specifications of 2nd and last rows of tWDU parameter ............................... 6
• Updated WDO delay time values for various capacitors in Watchdog Reset Delay Time for Common Ideal
Capacitor Values table......................................................................................................................................16
• Changed minimum and maximum specifications for NC SETx 01 setting for both upper and lower watchdog
boundaries, 10 kΩ to VDD SETx 00 and 01 settings for lower watchdog boundary, and 10 kΩ to VDD SETx
11 setting for both upper and lower watchdog boundaries in Factory-Programmed Watchdog Timing table...18
• Updated tWDU min and max values for all capacitors........................................................................................18
• Updated tWDU min and max boundry values from 0.85 and 1.15 to 0.905 and 1.095 respectively...................18
TPS3430
SBVS366A – JULY 2018 – REVISED OCTOBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS3430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com