Electronic Components Datasheet Search
  English  ▼

X  

TPS22954DSQR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS22954DSQR
Description  TPS2295x 5.7 V, 5 A, 14 mΩ On-Resistance Load Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22954DSQR Datasheet(HTML) 2 Page - Texas Instruments

  TPS22954DSQR Datasheet HTML 1Page - Texas Instruments TPS22954DSQR Datasheet HTML 2Page - Texas Instruments TPS22954DSQR Datasheet HTML 3Page - Texas Instruments TPS22954DSQR Datasheet HTML 4Page - Texas Instruments TPS22954DSQR Datasheet HTML 5Page - Texas Instruments TPS22954DSQR Datasheet HTML 6Page - Texas Instruments TPS22954DSQR Datasheet HTML 7Page - Texas Instruments TPS22954DSQR Datasheet HTML 8Page - Texas Instruments TPS22954DSQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
2
TPS22954, TPS22953
SLVSCT5D – MARCH 2015 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TPS22954 TPS22953
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings ............................................................ 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics........................................... 5
7.6
Electrical Characteristics—VBIAS = 5 V..................... 6
7.7
Electrical Characteristics—VBIAS = 3.3 V.................. 7
7.8
Electrical Characteristics—VBIAS = 2.5 V.................. 8
7.9
Switching Characteristics—CT = 1000 pF ................ 9
7.10
Switching Characteristics—CT = 0 pF .................. 10
7.11
Typical DC Characteristics.................................... 11
7.12
Typical Switching Characteristics ......................... 14
8
Parameter Measurement Information ................ 20
9
Detailed Description ............................................ 21
9.1
Overview ................................................................. 21
9.2
Functional Block Diagram ....................................... 21
9.3
Feature Description................................................. 22
9.4
Device Functional Modes ....................................... 28
10
Application and Implementation........................ 29
10.1
Application Information.......................................... 29
10.2
Typical Application ............................................... 34
11
Power Supply Recommendations ..................... 37
12
Layout................................................................... 37
12.1
Layout Guidelines ................................................ 37
12.2
Layout Example .................................................... 37
13
Device and Documentation Support ................. 38
13.1
Documentation Support ........................................ 38
13.2
Related Links ........................................................ 38
13.3
Receiving Notification of Documentation Updates 38
13.4
Community Resources.......................................... 38
13.5
Trademarks ........................................................... 38
13.6
Electrostatic Discharge Caution ............................ 38
13.7
Glossary ................................................................ 38
14
Mechanical, Packaging, and Orderable
Information ........................................................... 39
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (July 2015) to Revision D
Page
•
Added Power Sequencing section. ...................................................................................................................................... 28
Changes from Revision B (May 2015) to Revision C
Page
•
Changed inverter part number from SN74LVC1G07 to SN74LVC1G06 in the Break-Before-Make Power MUX
Schematic. ............................................................................................................................................................................ 32
Changes from Revision A (April 2015) to Revision B
Page
•
Updated pin names and graphics throughout the document. ............................................................................................... 1
Changes from Original (March 2015) to Revision A
Page
•
Initial release of full version. .................................................................................................................................................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com