Electronic Components Datasheet Search
  English  ▼

X  

TPS22954DSQR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS22954DSQR
Description  TPS2295x 5.7 V, 5 A, 14 mΩ On-Resistance Load Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22954DSQR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS22954DSQR Datasheet HTML 18Page - Texas Instruments TPS22954DSQR Datasheet HTML 19Page - Texas Instruments TPS22954DSQR Datasheet HTML 20Page - Texas Instruments TPS22954DSQR Datasheet HTML 21Page - Texas Instruments TPS22954DSQR Datasheet HTML 22Page - Texas Instruments TPS22954DSQR Datasheet HTML 23Page - Texas Instruments TPS22954DSQR Datasheet HTML 24Page - Texas Instruments TPS22954DSQR Datasheet HTML 25Page - Texas Instruments TPS22954DSQR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
V
IN or VBIAS
R
EN1
R
EN2
EN
EN2
IH,EN
IN
EN1
EN2
R
V
V
R
R
=
´
+
22
TPS22954, TPS22953
SLVSCT5D – MARCH 2015 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TPS22954 TPS22953
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
9.3 Feature Description
9.3.1 On and Off Control (EN pin)
The EN pin controls the state of the switch. When the voltage on EN has exceeded VIH,EN the switch is enabled.
When EN goes below VIL,EN the switch is disabled.
The EN pin has a blanking time of tBLANK on the rising edge once the VIH,EN threshold has been exceeded. It also
has a de-glitch time of tDEGLITCH when the voltage has gone below VIL,EN.
The EN pin can also be configured via an external resistor divider to monitor a voltage signal for input UVLO.
See Equation 1 and Figure 53 on how to configure the EN pin for input UVLO.
where
•
VIH,EN is the rising threshold of the EN pin (see the Electrical Characteristics table)
•
VIN is the input voltage being monitored (this could be VIN, VBIAS, or an external power supply)
•
REN1, REN2 is the resistor divider values
(1)
Figure 53. Resistor Divider (EN Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com