Electronic Components Datasheet Search
  English  ▼

X  

TPS22954DSQR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS22954DSQR
Description  TPS2295x 5.7 V, 5 A, 14 mΩ On-Resistance Load Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22954DSQR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS22954DSQR Datasheet HTML 17Page - Texas Instruments TPS22954DSQR Datasheet HTML 18Page - Texas Instruments TPS22954DSQR Datasheet HTML 19Page - Texas Instruments TPS22954DSQR Datasheet HTML 20Page - Texas Instruments TPS22954DSQR Datasheet HTML 21Page - Texas Instruments TPS22954DSQR Datasheet HTML 22Page - Texas Instruments TPS22954DSQR Datasheet HTML 23Page - Texas Instruments TPS22954DSQR Datasheet HTML 24Page - Texas Instruments TPS22954DSQR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Control
Logic
IN
EN
OUT
GND
Driver
BIAS
SNS
VSNS
Power
supply
module
PG
CT
VEN
Thermal
Shutdown
Reverse Current
Blocking*
(TPS22953 Only)
(*) Only active when the switch is disabled.
QOD Resistance*
(TPS22954 Only)
21
TPS22954, TPS22953
www.ti.com
SLVSCT5D – MARCH 2015 – REVISED SEPTEMBER 2016
Product Folder Links: TPS22954 TPS22953
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TPS22953/4 are 5.7-V, 5-A load switches in 10-pin SON packages. To reduce voltage drop for low voltage,
high current rails the device implements a low resistance N-channel MOSFET, which reduces the drop out
voltage through the device at high currents. The integrated adjustable undervoltage lockout (UVLO) and
adjustable power good (PG) threshold provides voltage monitoring as well as robust power sequencing.
The adjustable rise time control of the device greatly reduces inrush current for a wide variety of bulk load
capacitances, thereby reducing or eliminating power supply droop. The switch is independently controlled by an
on and off input (EN), which is capable of interfacing directly with low-voltage control signals. A 15-Ω on-chip
load resistor is integrated into the device for output quick discharge when switch is turned off.
During shutdown, the device has very low leakage currents, thereby reducing unneccessary leakages for
downstream modules during standby. Integrated power monitoring functionality, control logic, driver, power
supply, and output discharge FET eliminates the need for any external components, which reduces solution size
and BOM count.
9.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com