Electronic Components Datasheet Search
  English  ▼

X  

TPS22954DSQR Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS22954DSQR
Description  TPS2295x 5.7 V, 5 A, 14 mΩ On-Resistance Load Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22954DSQR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS22954DSQR Datasheet HTML 25Page - Texas Instruments TPS22954DSQR Datasheet HTML 26Page - Texas Instruments TPS22954DSQR Datasheet HTML 27Page - Texas Instruments TPS22954DSQR Datasheet HTML 28Page - Texas Instruments TPS22954DSQR Datasheet HTML 29Page - Texas Instruments TPS22954DSQR Datasheet HTML 30Page - Texas Instruments TPS22954DSQR Datasheet HTML 31Page - Texas Instruments TPS22954DSQR Datasheet HTML 32Page - Texas Instruments TPS22954DSQR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
J(max)
A
D(max)
JA
T
T
P
-
=
q
LOAD
ON
V
I
R
D =
´
29
TPS22954, TPS22953
www.ti.com
SLVSCT5D – MARCH 2015 – REVISED SEPTEMBER 2016
Product Folder Links: TPS22954 TPS22953
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
This section will highlights some of the design considerations when implementing this device in various
applications. A PSPICE model for this device is also available on www.ti.com for further aid.
10.1.1 Input to Output Voltage Drop
The input to output voltage drop in the device is determined by the RON of the device and the load current. The
RON of the device depends upon the VIN and VBIAS conditions of the device. Refer to the RON specification of the
device in the Electrical Characteristics table of this datasheet. Once the RON of the device is determined based
upon the VIN and VBIAS voltage conditions, use Equation 5 to calculate the input to output voltage drop.
where
•
ΔV is the voltage drop from IN to OUT
•
ILOAD is the load current
•
RON is the On-Resistance of the device for a specific VIN and VBIAS
(5)
An appropriate ILOAD must be chosen such that the IMAX specification of the device is not violated.
10.1.2 Thermal Considerations
The maximum IC junction temperature must be restricted to just under the thermal shutdown (TSD) limit of the
device. To calculate the maximum allowable dissipation, PD(max) for a given output current and ambient
temperature, use Equation 6.
where
•
PD(max) is the maximum allowable power dissipation
•
TJ(max) is the maximum allowable junction temperature before hitting thermal shutdown (see the Electrical
Characteristics table)
•
TA is the ambient temperature of the device
•
θJA is the junction to air thermal impedance. See the Thermal Information section. This parameter is highly
dependent upon board layout.
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com