Electronic Components Datasheet Search
  English  ▼

X  

TPS22954DSQR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS22954DSQR
Description  TPS2295x 5.7 V, 5 A, 14 mΩ On-Resistance Load Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22954DSQR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS22954DSQR Datasheet HTML 4Page - Texas Instruments TPS22954DSQR Datasheet HTML 5Page - Texas Instruments TPS22954DSQR Datasheet HTML 6Page - Texas Instruments TPS22954DSQR Datasheet HTML 7Page - Texas Instruments TPS22954DSQR Datasheet HTML 8Page - Texas Instruments TPS22954DSQR Datasheet HTML 9Page - Texas Instruments TPS22954DSQR Datasheet HTML 10Page - Texas Instruments TPS22954DSQR Datasheet HTML 11Page - Texas Instruments TPS22954DSQR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
8
TPS22954, TPS22953
SLVSCT5D – MARCH 2015 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TPS22954 TPS22953
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.8 Electrical Characteristics—VBIAS = 2.5 V
Unless otherwise noted, the specification in the following table applies over the operating ambient temperature
–40 °C
≤ TA ≤ +105 °C and VBIAS = 2.5 V. Typical values are for TA = 25°C.
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
POWER SUPPLIES AND CURRENTS
IQ, BIAS
BIAS quiescent current
IOUT = 0, VIN = 0.7 V to VBIAS, VEN = 5 V
–40°C to +85°C
16
25
µA
–40°C to +105°C
27
ISD, BIAS
BIAS shutdown current
VOUT = 0 V, VIN = 0.7 V to VBIAS,
VEN = 0 V to VIL
–40°C to +85°C
4
5
µA
–40°C to +105°C
6
µA
ISD, IN
Input shutdown current
VEN = 0 V to VIL,
VOUT = 0 V
VIN = 2.5 V
–40°C to +85°C
0.01
3
µA
–40°C to +105°C
10
VIN = 1.8 V
–40°C to +85°C
0.01
3
–40°C to +105°C
10
VIN = 1.2 V
–40°C to +85°C
0.01
2
–40°C to +105°C
8
VIN = 0.7 V
–40°C to +85°C
0.01
2
–40°C to +105°C
8
IEN
EN pin input leakage current
VEN = 0 V to 5.7 V
–40°C to +105°C
0.1
µA
ISNS
SNS pin input leakage current
VSNS ≤ VBIAS
–40°C to +105°C
0.1
µA
RESISTANCE CHARACTERISTICS
RON
ON-state resistance
IOUT = –200 mA
VIN = 2.5 V
25°C
16
23
mΩ
–40°C to +85°C
26
–40°C to +105°C
27
VIN = 1.8 V
25°C
15
22
mΩ
–40°C to +85°C
25
–40°C to +105°C
26
VIN = 1.5 V
25°C
15
22
mΩ
–40°C to +85°C
25
–40°C to +105°C
26
VIN = 1.2 V
25°C
15
22
mΩ
-40°C to 85°C
24
–40°C to +105°C
25
VIN = 0.7 V
25°C
14
21
mΩ
–40°C to +85°C
24
–40°C to +105°C
25
RPD
Output pulldown resistance
(TPS22954 Only)
VIN = VOUT = VBIAS, VEN = 0 V
25°C
12
28
Ω
–40°C to +105°C
30
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com