Electronic Components Datasheet Search
  English  ▼

X  

TPS22954DSQR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS22954DSQR
Description  TPS2295x 5.7 V, 5 A, 14 mΩ On-Resistance Load Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22954DSQR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS22954DSQR Datasheet HTML 9Page - Texas Instruments TPS22954DSQR Datasheet HTML 10Page - Texas Instruments TPS22954DSQR Datasheet HTML 11Page - Texas Instruments TPS22954DSQR Datasheet HTML 12Page - Texas Instruments TPS22954DSQR Datasheet HTML 13Page - Texas Instruments TPS22954DSQR Datasheet HTML 14Page - Texas Instruments TPS22954DSQR Datasheet HTML 15Page - Texas Instruments TPS22954DSQR Datasheet HTML 16Page - Texas Instruments TPS22954DSQR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
VOUT (V)
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
2
4
6
8
10
12
14
16
18
D016
105°C
25°C
-40°C
VOUT (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
2
4
6
8
10
12
14
16
18
D014
105°C
25°C
-40°C
IOUT (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
13.2
13.3
13.4
13.5
13.6
13.7
13.8
13.9
14
14.1
14.2
14.3
D034
VIN = 5V
VIN = 3.3V
VIN = 2.5V
VIN = 1.8V
VIN = 0.7V
VOUT (V)
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2
4
6
8
10
12
14
16
18
20
22
D012
105°C
25°C
-40°C
IOUT (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
13.5
14
14.5
15
15.5
16
16.5
17
17.5
D032
VIN = 2.5V
VIN = 1.8V
VIN = 0.7V
IOUT (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
13.2
13.4
13.6
13.8
14
14.2
14.4
14.6
14.8
15
15.2
15.4
D033
VIN = 3.3V
VIN = 2.5V
VIN = 1.8V
VIN = 0.7V
13
TPS22954, TPS22953
www.ti.com
SLVSCT5D – MARCH 2015 – REVISED SEPTEMBER 2016
Product Folder Links: TPS22954 TPS22953
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical DC Characteristics (continued)
VBIAS = 2.5 V
VEN = 5 V
Figure 13. RON vs IOUT, VBIAS = 2.5 V
VBIAS = 3.3 V
VEN = 5 V
Figure 14. RON vs IOUT, VBIAS = 3.3 V
VBIAS = 5 V
VEN = 5 V
Figure 15. RON vs IOUT, VBIAS = 5 V
VBIAS = 2.5 V
VIN = VOUT
VEN = 0 V
Figure 16. RPD vs VOUT, VBIAS = 2.5 V
VBIAS = 3.3 V
VIN = VOUT
VEN = 0 V
Figure 17. RPD vs VOUT, VBIAS = 3.3 V
VBIAS = 5 V
VIN = VOUT
VEN = 0 V
Figure 18. RPD vs VOUT, VBIAS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com