Electronic Components Datasheet Search
  English  ▼

X  

TPS22954DSQR Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS22954DSQR
Description  TPS2295x 5.7 V, 5 A, 14 mΩ On-Resistance Load Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22954DSQR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22954DSQR Datasheet HTML 5Page - Texas Instruments TPS22954DSQR Datasheet HTML 6Page - Texas Instruments TPS22954DSQR Datasheet HTML 7Page - Texas Instruments TPS22954DSQR Datasheet HTML 8Page - Texas Instruments TPS22954DSQR Datasheet HTML 9Page - Texas Instruments TPS22954DSQR Datasheet HTML 10Page - Texas Instruments TPS22954DSQR Datasheet HTML 11Page - Texas Instruments TPS22954DSQR Datasheet HTML 12Page - Texas Instruments TPS22954DSQR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
9
TPS22954, TPS22953
www.ti.com
SLVSCT5D – MARCH 2015 – REVISED SEPTEMBER 2016
Product Folder Links: TPS22954 TPS22953
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.9 Switching Characteristics—CT = 1000 pF
Refer to the timing test circuit in Figure 51 (unless otherwise noted) for references to external components used for the test
condition in the switching characteristics table. Switching characteristics shown below are only valid for the power-up
sequence where VIN and VBIAS are already in steady state condition before the EN terminal is asserted high.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VIN = 5 V, VEN = VBIAS = 5 V, TA = 25°C
tON
Turnon time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
1265
µs
tOFF
Turnoff time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
6
tR
VOUT rise time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
1492
tF
VOUT fall time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
2.2
tD
ON delay time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
519
VIN = 2.5 V, VEN = VBIAS = 5 V, TA = 25°C
tON
Turnon time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
813
µs
tOFF
Turnoff time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
6.1
tR
VOUT rise time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
765
tF
VOUT fall time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
2.2
tD
ON delay time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
430
VIN = 0.7 V, VEN = VBIAS = 5 V, TA = 25°C
tON
Turnon time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
476
µs
tOFF
Turnoff time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
6.2
tR
VOUT rise time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
245
tF
VOUT fall time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
2.1
tD
ON delay time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
353
VIN = 2.5 V, VEN = 5 V, VBIAS = 2.5 V, TA = 25°C
tON
Turnon time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
813
µs
tOFF
Turnoff time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
4.9
tR
VOUT rise time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
765
tF
VOUT fall time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
2.2
tD
ON delay time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
430
VIN = 0.7 V, VEN = 5 V, VBIAS = 2.5 V, TA = 25°C
tON
Turnon time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
476
µs
tOFF
Turnoff time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
6.1
tR
VOUT rise time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
245
tF
VOUT fall time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
2.1
tD
ON delay time
RL = 10 Ω, CL = 0.1 µF, CT = 1000 pF
353



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com