Electronic Components Datasheet Search
  English  ▼

X  

TPS22954DSQR Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS22954DSQR
Description  TPS2295x 5.7 V, 5 A, 14 mΩ On-Resistance Load Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22954DSQR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS22954DSQR Datasheet HTML 26Page - Texas Instruments TPS22954DSQR Datasheet HTML 27Page - Texas Instruments TPS22954DSQR Datasheet HTML 28Page - Texas Instruments TPS22954DSQR Datasheet HTML 29Page - Texas Instruments TPS22954DSQR Datasheet HTML 30Page - Texas Instruments TPS22954DSQR Datasheet HTML 31Page - Texas Instruments TPS22954DSQR Datasheet HTML 32Page - Texas Instruments TPS22954DSQR Datasheet HTML 33Page - Texas Instruments TPS22954DSQR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
IN
IN
BIAS
EN
SNS
OUT
OUT
PG
CT
GND
PAD
CL
RSNS1
RSNS2
Rpullup
CT
PG
TPS22953/54
REN1
REN2
IN
IN
BIAS
EN
SNS
OUT
OUT
PG
CT
GND
PAD
Power
Supply
CL
RSNS1
RSNS2
CT
TPS22953/54
REN1
REN2
System
Module 1
System
Module 2
CIN
30
TPS22954, TPS22953
SLVSCT5D – MARCH 2015 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TPS22954 TPS22953
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Application Information (continued)
10.1.3 Automatic Power Sequencing
The PG pin of the TPS22953/54 allows for automatic sequencing of multiple system rails or loads. The accurate
SNS voltage monitoring ensures the first rail is up before the next starts to turn on. This approach provides
robust system sequencing and reduces the total inrush current by preventing overlap. Figure 60 shows how two
rails can be sequenced. There is no limit to the number of rails that can be sequenced in this way
Figure 60. Power Sequencing with PG Control Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com