Electronic Components Datasheet Search
  English  ▼

X  

TPS22954DSQR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS22954DSQR
Description  TPS2295x 5.7 V, 5 A, 14 mΩ On-Resistance Load Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22954DSQR Datasheet(HTML) 1 Page - Texas Instruments

  TPS22954DSQR Datasheet HTML 1Page - Texas Instruments TPS22954DSQR Datasheet HTML 2Page - Texas Instruments TPS22954DSQR Datasheet HTML 3Page - Texas Instruments TPS22954DSQR Datasheet HTML 4Page - Texas Instruments TPS22954DSQR Datasheet HTML 5Page - Texas Instruments TPS22954DSQR Datasheet HTML 6Page - Texas Instruments TPS22954DSQR Datasheet HTML 7Page - Texas Instruments TPS22954DSQR Datasheet HTML 8Page - Texas Instruments TPS22954DSQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
IN
IN
BIAS
EN
SNS
OUT
OUT
PG
CT
GND
PAD
Power
Supply
CIN
CL
RSNS1
RSNS2
Rpullup
CT
PG
TPS22953/54
REN1
REN2
RL
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS22954, TPS22953
SLVSCT5D – MARCH 2015 – REVISED SEPTEMBER 2016
TPS2295x 5.7 V, 5 A, 14 mΩ On-Resistance Load Switch
1
1 Features
1
•
Integrated Single Channel Load Switch
•
Input Voltage Range: 0.7 V to 5.7 V
•
RON Resistance
–
RON = 14 mΩ at VIN = 5 V (VBIAS = 5 V)
•
5-A Maximum Continuous Switch Current
•
Adjustable Undervoltage Lockout Threshold
(UVLO)
•
Adjustable Voltage Supervisor with
Power Good (PG) Indicator
•
Adjustable Output Slew Rate Control
•
Enhanced Quick Output Discharge Remains
Active after Power is Removed (TPS22954 Only)
–
15 Ω (Typ) Discharges 100 µF Within 10 ms
•
Reverse Current Blocking when Disabled
(TPS22953 Only)
•
Automatic Restart after Supervisor Fault Detection
When Enabled
•
Thermal Shutdown
•
Low Quiescent Current
≤ 50 µA
•
SON 10-pin Package with Thermal Pad
•
ESD Performance Tested Per JESD 22
–
2-kV HBM and 750-V CDM
2 Applications
•
Solid State Drives
•
Embedded and Industrial PC
•
Ultrabook™ and Notebooks
•
Desktops
•
Servers
•
Telecom Systems
3 Description
The TPS22953/54 are small, single channel load
switches with controlled turn on. The devices contain
a N-channel MOSFET that can operate over an input
voltage range of 0.7 V to 5.7 V and can support a
maximum continuous current of 5 A.
The
integrated
adjustable
undervoltage
lockout
(UVLO) and adjustable power good (PG) threshold
provides voltage monitoring as well as robust power
sequencing. The adjustable rise time control of the
device greatly reduces inrush current for a wide
variety of bulk load capacitances, thereby reducing or
eliminating power supply droop. The switch is
independently controlled by an on and off input (EN),
which is capable of interfacing directly with low-
voltage control signals. A 15-Ω on-chip load is
integrated into the device for a quick discharge of the
output when switch is disabled. The enhanced Quick
Output Discharge (QOD) remains active for short time
after power is removed from the device to finish
discharging the output.
The TPS22953/54 are available in small, space-
saving 10-SON packages with integrated thermal pad
allowing for high power dissipation. The device is
characterized
for
operation
over
the
free-air
temperature range of –40°C to +105°C.
Device Information(1)
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
TPS2295x
WSON (10)
2.00 mm x 2.00 mm
WSON (10)
2.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - TPS22954DSQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22954DSQR TI1-TPS22954DSQR Datasheet
1Mb / 46P
5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
More results

Similar Description - TPS22954DSQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22965 TI1-TPS22965_16 Datasheet
1Mb / 31P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22976 TI-TPS22976_V01 Datasheet
1Mb / 32P
TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com