Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 4 Page - Analog Devices

Part # LT3045
Description  42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 4 Page - Analog Devices

  LT3045 Datasheet HTML 1Page - Analog Devices LT3045 Datasheet HTML 2Page - Analog Devices LT3045 Datasheet HTML 3Page - Analog Devices LT3045 Datasheet HTML 4Page - Analog Devices LT3045 Datasheet HTML 5Page - Analog Devices LT3045 Datasheet HTML 6Page - Analog Devices LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Data Sheet
LT83401/LT83402
analog.com
Rev. 0
4 of 44
SPECIFICATIONS
Table 1. Electrical Characteristics
(TJ = -40°C to +150°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced to GND,
unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Minimum VIN
VIN
VSET = 1V
2.5
2.8
V
OUTS, SET Operating
Voltage
VOUTS, VSET
0
15
V
SET Pin Current (ISET)
ISET
VSET = VOUTS = 1V
99.2
100
100.8
μA
Fast Start-Up Set Pin
Current
IFAST_STARTUP
VIN = 12V, VSET = 1V, TA = +25°C
1.9
2.5
3.1
mA
Start-Up Time Without
Fast Start-Up1,2
tSTARTUP
VOUT = 1V, CSET= 1μF, VIN= 12V,
VPGFB = 0.5V
29.4
ms
VOUT= 1V, CSET= 4.7μF, VIN= 12V,
VPGFB = 0.5V
127.8
Start-Up Time With Fast
Start-Up1,2
tSTARTUP
VOUT= 1V, CSET = 1μF, VIN = 12V,
RPGFB(TOP) = 49.9kΩ, RPGFB(BOT) = 49.9kΩ
0.5
ms
VOUT= 1V, CSET = 4.7μF, VIN= 12V,
RPGFB(TOP) = 49.9kΩ, RPGFB(BOT) = 49.9kΩ
2
Output Noise Spectral
Density (10kHz)1,3,4
VO,NSD(10kHz)
VIN = 12V, VOUT = 3.3V, COUT = 88μF,
L = 2.2μH, RSET = 33.2kΩ, CSET = 4.7μF,
fSW = 6MHz, RC = 2.7kΩ, CC = 1nF
4
nV/√Hz
Output Root Mean
Square (RMS) Noise
(10Hz–100kHz)1,3,4
VO,RMS
VIN = 12V, VOUT = 3.3V, BW = 10Hz to
100kHz, COUT = 88μF, L = 2.2μH,
RSET = 3.3kΩ, CSET= 4.7μF, fSW = 6MHz,
RC = 2.7kΩ, CC = 1nF
2.8
μVRMS
VIN Quiescent Current
IQ
VEN/UVLO = 2V, not switching,
TA = +25°C
3
3.6
mA
VEN/UVLO = 0.2V, shutdown, TA = +25°C
45
70
μA
Oscillator Frequency
fSW
RT = 392kΩ
285
315
345
kHz
RT = 47.5kΩ
1.95
2
2.05
MHz
RT = 9.76kΩ
5.04
5.6
6.16
Power Good Feedback
(PGFB) Upper Threshold
VPGH
VPGFB rising
529
537.5
546
mV
PGFB Upper Threshold
Hysteresis
VPGH_HYS
10
mV
PGFB Lower Threshold
VPGL
VPGFB falling
455
462.5
470
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com