Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 25 Page - Analog Devices

Part # LT3045
Description  42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 25 Page - Analog Devices

Back Button LT3045 Datasheet HTML 21Page - Analog Devices LT3045 Datasheet HTML 22Page - Analog Devices LT3045 Datasheet HTML 23Page - Analog Devices LT3045 Datasheet HTML 24Page - Analog Devices LT3045 Datasheet HTML 25Page - Analog Devices LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Data Sheet
LT83401/LT83402
analog.com
Rev. 0
25 of 44
slopes, if the inductor is large enough to avoid subharmonic oscillations at the frequency set by RT, then the slope
compensation is sufficient for all synchronization frequencies.
Setting the Switching Frequency
The LT83401/LT83402 uses a constant-frequency Pulse width modulation (PWM) architecture that is programmed
to switch from 300kHz to 6MHz by using a resistor connected from the RT pin to GND.
The RT resistor required for the desired switching frequency is calculated by Equation 1.
RT =
118.41
fSW
− 11.7
(1)
where RT is in kΩ and fSW is the desired switching frequency in MHz. Table 4 shows the necessary RT value for the
desired switching frequency.
Table 4. SW Frequency vs. RT Value
fSW (MHz)
RT (kΩ)
0.3
412
0.4
301
0.5
237
0.6
191
0.7
162
0.8
140
0.9
121
1.0
107
1.2
88.7
1.4
73.2
1.6
61.9
1.8
53.6
2
47.5
2.5
35.7
3
27.4
3.5
22.1
4
17.8
6
8.25
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off between efficiency, component size, and input voltage range. The
advantage of high-frequency operation is that smaller inductor and capacitor values may be used. The
disadvantages are lower efficiency and a smaller input voltage range. The highest switching frequency (fSW(MAX)) for a
given application can be calculated by Equation 2.
fSW(MAX) =
VOUT + VSW(BOT)
tON(MIN) (VIN − VSW(TOP) + VSW(BOT))
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com