Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 1 Page - Analog Devices

Part # LT3045
Description  42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 1 Page - Analog Devices

  LT3045 Datasheet HTML 1Page - Analog Devices LT3045 Datasheet HTML 2Page - Analog Devices LT3045 Datasheet HTML 3Page - Analog Devices LT3045 Datasheet HTML 4Page - Analog Devices LT3045 Datasheet HTML 5Page - Analog Devices LT3045 Datasheet HTML 6Page - Analog Devices LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Data Sheet
LT83401/LT83402
42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 - 2356, U.S.A.
T el: 781.329.4700
© 2024 Analog D evic es, Inc. Al l rig hts r eser ved.
FEATURES
Silent Switcher® 3 Architecture
Ultra-Low RMS Noise (10Hz–100kHz): 2.8μVRMS
Ultra-Low Spot Noise: 4nV/√Hz at 10kHz
Ultra-Low EMI Emissions
Ultra-Fast Transient Response
Minimizes the Output Capacitance
High Efficiency at High Frequency
Up to 92.4% Efficiency at 2MHz, 12VIN to 5VOUT
Input Voltage Range: 2.8V to 42V
Output Voltage Range: 0V to (VIN - 1V)
Unity Gain Configuration Up to 15VOUT
Fast Minimum Switch On-Time: 22ns
Precision Reference: ±0.8% Over Temperature
with Remote Sense
Forced Continuous Mode Capability
Adjustable and Synchronizable: 300kHz to 6MHz
Programmable Power Good
Tiny, 15-Lead 3mm x 2mm LFCSP Package
Pin-to-Pin Compatible Family: LT83201 (18V, 1A),
LT83203 (18V, 3A), and LT83205 (18V, 5A)
AEC-Q100 Qualification in Progress
GENERAL DESCRIPTION
The LT®83401/LT®83402 synchronous step-down
regulator is uniquely designed to combine an ultra-
low-noise reference with Silent Switcher architecture
to achieve both high efficiency and excellent
wideband noise performance.
The innovative, ultra-low noise architecture provides
exceptional low-frequency (0.1Hz to 100kHz) output
noise performance in a switching regulator. The
output voltage can be programmed with a single
resistor, resulting in virtually constant output noise
independent of output voltage.
Silent Switcher architecture minimizes Electro-
magnetic interference (EMI) emissions while delive-
ring high efficiency at high switching frequencies.
The LT83401/LT83402 is ideal for high-current, noise-
sensitive applications that benefit from the high
efficiency of a synchronous switching regulator.
APPLICATIONS
Automotive and Industrial Power Supplies
Medical Applications: Imaging and Diagnostics
High-Speed and High-Precision Data Converters
Bipolar, Very Low-Noise Power Supplies
Low-Noise Instrumentation and Displays
TYPICAL APPLICATION
Figure 1. Simplified Application Diagram
Figure 2. 12V to 3.3V Efficiency
10µF
47.5kΩ
1µF
33.2kΩ
720Ω
280kΩ
49.9kΩ
0.1µF
1µF
10nF
82pF
1µF
1µF
2.2µH
22µF
VIN
EN/UVLO
SET
RT
GND
VC
PGFB
OUTS
SW
LT83402
fSW = 2MHz
BST
INTVCC
VIN
GND
GND
3.3V
2.5A
VOUT
PG
VIN
4.8V to 42V
EFFICIENCY
POWER LOSS
L = XGL6060
1MHz, 4.7µH, (9.1mΩ)
2MHz, 2.2µH, (4.3mΩ)
3MHz, 1µH, (2.5mΩ)
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
70
75
80
85
90
95
0
0.5
1.0
1.5
2.0
2.5


Similar Part No. - LT3045

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3045 LINER-LT3045 Datasheet
2Mb / 32P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
LT3045 LINER-LT3045 Datasheet
3Mb / 36P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
logo
Analog Devices
LT3045 AD-LT3045 Datasheet
1Mb / 37P
3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
Rev 0
LT3045 AD-LT3045 Datasheet
3Mb / 45P
Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
LT3045 AD-LT3045 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results

Similar Description - LT3045

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640_15 Datasheet
751Kb / 26P
42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8614 LINER-LT8614 Datasheet
252Kb / 6P
42V, 4A Micropower Synchronous Step-Down Silent Switcher
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LT8650S-1 AD-LT8650S-1 Datasheet
1Mb / 32P
Dual Channel 4A, 42V, Synchronous Step-Down Silent Switcher
LT8638S AD-LT8638S Datasheet
2Mb / 28P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
LT8622S AD-LT8622S Datasheet
204Kb / 2P
18V, 2A/4A Step-Down Silent Switcher 3 with Ultralow Noise Reference
Rev. Sp0
LT8638-2 AD-LT8638-2 Datasheet
984Kb / 35P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com