Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 17 Page - Analog Devices

Part # LT3045
Description  42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3045 Datasheet HTML 13Page - Analog Devices LT3045 Datasheet HTML 14Page - Analog Devices LT3045 Datasheet HTML 15Page - Analog Devices LT3045 Datasheet HTML 16Page - Analog Devices LT3045 Datasheet HTML 17Page - Analog Devices LT3045 Datasheet HTML 18Page - Analog Devices LT3045 Datasheet HTML 19Page - Analog Devices LT3045 Datasheet HTML 20Page - Analog Devices LT3045 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Data Sheet
LT83401/LT83402
analog.com
Rev. 0
17 of 44
Figure 34. PG High Thresholds
Figure 35. PG Low Thresholds
Figure 36. Error Amp Output Current
Figure 37. Switch Rising Edge
Figure 38. Switching Waveforms, Full-Frequency
Continuous Operation
Figure 39. Switching Waveforms, Full-Frequency
Pulse-Skipping Operation
PGFB RISING
PGFB FALLING
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
500
510
520
530
540
550
PGFB RISING (START-UP)
PGFB RISING
PGFB FALLING
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
450
455
460
465
470
475
480
485
490
495
500
VC = 1.2V
VSET = 3.3V
–250 –200 –150 –100 –50
0
50
100
150
200
250
–500
–400
–300
–200
–100
0
100
200
300
400
500
VOUTS TO VSET ERROR (mV)
VIN = 12V
ILOAD = 2.5A
2ns/DIV
VSW
2V/DIV
12VIN TO 3.3VOUT AT 2.5A
fSW = 2MHz
500ns/DIV
VSW
5V/DIV
IL
1A/DIV
12VIN TO 3.3VOUT AT 50mA
VSYNC = 0V
500ns/DIV
VSW
5V/DIV
IL
100mA/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com