Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 27 Page - Analog Devices

Part # LT3045
Description  42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 27 Page - Analog Devices

Back Button LT3045 Datasheet HTML 23Page - Analog Devices LT3045 Datasheet HTML 24Page - Analog Devices LT3045 Datasheet HTML 25Page - Analog Devices LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Data Sheet
LT83401/LT83402
analog.com
Rev. 0
27 of 44
where ΔIL is the inductor ripple current as calculated in Equation 7, and ILOAD(MAX) is the maximum output load for a
given application.
As a quick example, an application requiring 1A output should use an inductor with an RMS rating of greater than 1A
and an ISAT of greater than 2A. During long-duration overload or short-circuit conditions, the inductor’s RMS rating
requirement is greater to avoid overheating the inductor. To keep the efficiency high, the series resistance (DCR)
should be less than 135mΩ, and the core material should be intended for high-frequency applications.
The LT83401/LT83402 limits the peak switch current to protect the switches and the system from overload faults.
The top switch current limit (IPEAK-LIMIT) is 2.2A (LT83401)/4A (LT83402) at low duty cycles and decreases linearly to 1.8A
(LT83401)/3.2A (LT83402) at a duty cycle = 80%.
The inductor value must be sufficient to supply the desired maximum output current (IOUT(MAX)), which is a function
of the top switch current limit (IPEAK-LIMIT) and the ripple current (see Equation 6).
IOUT(MAX) = IPEAK−LIMIT −
∆IL
2
(6)
The peak-to-peak ripple current in the inductor can be calculated using Equation 7.
∆IL =
VOUT
L × fSW
× (1 −
VOUT
VIN(MAX)
)
(7)
where fSW is the switching frequency of the LT83401/LT83402, and L is the value of the inductor. Therefore, the
maximum output current that the LT83401/LT83402 delivers depends on the switch current limit, the inductor value,
and the input and output voltages. The inductor value may have to be increased if the inductor ripple current does
not allow sufficient maximum output current (IOUT(MAX)) given the switching frequency and maximum input voltage
used in the desired application.
The optimum inductor for a given application may differ from the one indicated by this design guide. A larger-value
inductor provides a higher maximum load current and reduces the output voltage ripple. For applications requiring
smaller load currents, the value of the inductor may be lower, and the LT83401/LT83402 may operate with a higher
ripple current. This allows the use of a physically smaller inductor or one with a lower DCR, resulting in higher
efficiency. Be aware that low inductance may result in discontinuous operation in pulse-skip mode, which further
reduces the maximum load current.
For more information about maximum output current and discontinuous operation, refer to the Application Note 44:
LT1074/LT1076 Design Manual.
For duty cycles greater than 50% (VOUT/VIN > 0.5), aminimum inductance is required to avoid sub-harmonic oscillation.
For more information, refer to the Application Note 19: LT1070 Design Manual. Equation 8 calculates the minimum
inductance, where ISC represents the slope compensation coefficient. ISC is 0.4 for LT83401 and 0.8 for LT83402.
LMIN =
VIN(2 × DC−1)
ISC × fSW
(8)
where DC is the duty cycle ratio (VOUT/VIN), and fSW is the switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com