Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 30 Page - Analog Devices

Part # LT3045
Description  42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Data Sheet
LT83401/LT83402
analog.com
Rev. 0
30 of 44
the vast majority of applications. For more information on offset voltage, SET pin current, and output noise, see the
Electrical Characteristics table. Table 6 lists many common output voltages and their corresponding 1% RSET resistors.
Where the exact resistor value required for the output voltage is not available, two resistors can be paralleled to
achieve the desired value. For example, for a 0.8V output voltage, a resistor value of exactly 8kΩ is required. The
closest value with a single 1% resistor is 8.06kΩ, with two resistors, 8.25kΩ can be paralleled with 267kΩ to achieve
(almost) exactly 8kΩ. 0.1% resistors may be used to achieve higher accuracy.
Table 6. 1% Resistor for Common Output Voltages
VOUT(V)
RSET(kΩ)
0.8
8.06
1
10
1.8
18
2.5
24.9
3.3
33.2
5
49.9
6
60.4
9
90.9
12
120
The benefit of using a current reference compared with a voltage reference, as used in conventional regulators, is
that the regulator always operates in a unity gain configuration, independent of the programmed output voltage.
This allows the LT83401/LT83402 to have loop gain, frequency response, and bandwidth independent of the output
voltage. Moreover, since none of the error amp gain is needed to amplify the SET pin voltage to a higher output
voltage, output load regulation is more tightly specified.
Since the zero TC current source is highly accurate, the SET pin resistor can become the limiting factor in achieving
high accuracy. Hence, it should be a precision resistor. Additionally, any leakage paths to or from the SET pin create
errors in the output voltage. If necessary, use high-quality insulation (for example, Teflon, Kel-F); moreover, cleaning
of all insulating surfaces to remove fluxes and other residues may be required. High-humidity environments may
require a surface coating at the SET pin to provide a moisture barrier.
Since the SET pin is a high-impedance node, unwanted signals may couple into the SET pin and cause erratic
behavior. This is most noticeable when operating with a minimum output capacitor at heavy load currents.
Bypassing the SET pin with a small capacitance to GND resolves this issue—100nF is sufficient. This is the minimum
recommended capacitance. In general, a larger capacitance is typically preferred. For more information, see the SET
Pin Capacitor: Noise and Soft-Start section.
For applications requiring higher accuracy or an adjustable output voltage, the SET pin may be actively driven by an
external voltage source capable of sinking 100μA. Connecting a precision voltage reference to the SET pin eliminates
any errors present in the output voltage due to the reference current SET pin resistor tolerances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com