Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 42 Page - Analog Devices

Part # LT3045
Description  42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 42 Page - Analog Devices

Back Button LT3045 Datasheet HTML 36Page - Analog Devices LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices LT3045 Datasheet HTML 39Page - Analog Devices LT3045 Datasheet HTML 40Page - Analog Devices LT3045 Datasheet HTML 41Page - Analog Devices LT3045 Datasheet HTML 42Page - Analog Devices LT3045 Datasheet HTML 43Page - Analog Devices LT3045 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Data Sheet
LT83401/LT83402
analog.com
Rev. 0
42 of 44
ORDERING GUIDE
Table 9. Ordering Guide
PART NUMBER1
TAPE AND REEL2
PAD OR
BALL
FINISH3
PART MARKING4
PACKAGE TYPE5
MSL
RATING
TEMPERATURE
RANGE6
DEVICE
FINISH
CODE
LT83401RUDB#PBF
LT83401RUDB#TRPBF
Au (RoHS)
LHWS
e4
LFCSP
(Lead Frame Chip
Scale Package)
1
–40°C to 150°C
LT83402RUDB#PBF
LT83402RUDB#TRPBF
LHWR
AUTOMOTIVE PRODUCTS7
LT83401RUDB#WPBF LT83401RUDB#WTRPBF
Au (RoHS)
LHWS
e4
LFCSP
(Lead Frame Chip
Scale Package)
1
–40°C to 150°C
LT83402RUDB#WPBF LT83402RUDB#WTRPBF
LHWR
1
Parts ending with PBF are RoHS and WEEE compliant.
2
Tape and reel specifications. Some packages are available in 500-unit reels through designated sales channels
with #TRMPBF suffix.
3
Pad or ball finish code is per IPC/JEDEC J-STD-609.
4
The temperature grade is identified by a label on the shipping container.
5
The LT83401/LT83402 package has the same dimensions as a standard 3mm × 2mm LFCSP package.
6
The LT83401/LT83402 are specified over the -40°C to 150°C operating junction temperature range. High junction
temperatures degrade operating lifetimes. The junction temperature (TJ, in °C) is calculated from the ambient
temperature (TA in °C) and power dissipation (PD, in Watts) according to the formula: TJ = TA + (PD × θJA), where θJA
(in °C/W) is the package thermal impedance.
7
Versions of this part are available with controlled manufacturing to support the quality and reliability
requirements of automotive applications. These models are designated with a #W suffix. Only the automotive-
grade products shown are available for use in automotive applications. Contact your local Analog Devices
account representative for specific product ordering information and to obtain the specific Automotive
Reliability reports for these models.
8
For parts specified with wider operating temperature ranges, contact the factory.
9
For recommended LGA and BGA PCB assembly and manufacturing procedures, refer to the Recommended LGA
and BGA PCB Assembly and Manufacturing Procedures.
10
For LGA and BGA package and tray drawings, refer to the LGA and BGA Package and Tray Drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com