Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 6 Page - Analog Devices

Part # LT3045
Description  42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT3045 Datasheet HTML 2Page - Analog Devices LT3045 Datasheet HTML 3Page - Analog Devices LT3045 Datasheet HTML 4Page - Analog Devices LT3045 Datasheet HTML 5Page - Analog Devices LT3045 Datasheet HTML 6Page - Analog Devices LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices LT3045 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Data Sheet
LT83401/LT83402
analog.com
Rev. 0
6 of 44
(TJ = -40°C to +150°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced to GND,
unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Minimum Off-Time
tOFF(MIN)
ILOAD = 0.5A, LT83401
ILOAD = 1A, LT83402
80
100
ns
Top Power N-Channel
MOSFET Current Limit
IPEAK-LIMIT
LT83401
1.96
2.2
2.44
A
LT83402
3.4
4.0
4.4
Bottom Power
N-Channel MOSFET
Current Limit
IVALLEY-LIMIT
LT83401
1.28
1.5
1.72
A
LT83402
1.95
2.4
2.85
SW Leakage Current
ISW_LKG
VIN = 42V, VSW = 0V, 42V, TA = +25°C
-1
+1
μA
Power MOSFET
On-Resistance
Main Switch (Top)
RDS-ONH
280
mΩ
Power MOSFET
On-Resistance
Synchronous Switch
(Bottom)
RDS-ONL
135
mΩ
SET Pull-Down
Resistance
RSET-PULLDOWN VSET = 0.5V
540
865
Ω
EN/UVLO Threshold
VENR
EN/UVLO rising
0.7
0.75
0.8
V
EN/UVLO Hysteresis
VEN_HYS
55
mV
EN/UVLO Input Current
IEN
VEN/UVLO = 2V, TA = +25°C
-40
+40
nA
.
1
Not subject to production test.
2
The start-up time is defined as the time it takes from the EN/UVLO pin rising above the EN/UVLO threshold to
when VOUT has reached 95% of its final value.
3
OUTS ties directly to VOUT.
4
Adding a capacitor across the SET pin resistor decreases output voltage noise. Adding this capacitor bypasses
the SET pin resistor’s thermal noise as well as the reference current’s noise. Use of a SET pin bypass capacitor
also increases start-up time.
5
The LT83401/LT83402 is tested in a feedback loop that servos VC to a specified voltage and measures the
resultant VOUTS.
6
The PNP-based input pair is active for the error amplifier as long as VIN is at least 1.4V above VSET. As VIN drops to
less than 1.4V above VSET, the part gradually transitions to operating with the NPN-based input pair active.
7
Thermal Resistance (θ) values determined per JEDEC 51-7, 51-12. For information on improving the thermal
resistance and for actual temperature measurements of a demo board in typical operating conditions, see the
Applications Information section.
8
This IC includes overtemperature protection that is intended to protect the device during overload conditions.
Junction temperature exceeds 150°C when overtemperature protection is active. Continuous operation above
the specified maximum operating junction temperature reduces lifetime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com