Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 22 Page - Analog Devices

Part # LT3045
Description  42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 22 Page - Analog Devices

Back Button LT3045 Datasheet HTML 18Page - Analog Devices LT3045 Datasheet HTML 19Page - Analog Devices LT3045 Datasheet HTML 20Page - Analog Devices LT3045 Datasheet HTML 21Page - Analog Devices LT3045 Datasheet HTML 22Page - Analog Devices LT3045 Datasheet HTML 23Page - Analog Devices LT3045 Datasheet HTML 24Page - Analog Devices LT3045 Datasheet HTML 25Page - Analog Devices LT3045 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Data Sheet
LT83401/LT83402
analog.com
Rev. 0
22 of 44
If the transient performance is not critical, other passive filter solutions can be realized using a physical inductor as
a larger second L and additional output capacitance for the second C, as shown in Figure 48.
Figure 48. Additional Output Ripple Filtering Using a Second LC Filter
When designing an additional filter for further attenuation of the switching ripple, it is highly recommended to design
with LTpowerCAD® to ensure the design is stable, has a good phase margin, and provides sufficient attenuation at
the switching frequency of interest.
The Silent Switcher 3 architecture enables achieving excellent noise performance from low to high frequencies at
the output of the LT83401/LT83402 while utilizing only passive filtering.
PCB Layout Recommendations
The LT83401/LT83402 is specifically designed to minimize low-frequency (10Hz to 100kHz) noise and EMI emissions,
and maximize efficiency when switching at high frequencies. For optimal performance, the LT83401/LT83402 can
use multiple VIN bypass capacitors.
Two small capacitors are placed as close as possible to the LT83401/LT83402 VIN pins. The third capacitor, with a
larger value of 4.7μF or higher, should be placed near one of these two capacitors. For a recommended PCB layout,
see Figure 49.
For more details and PCB design files, refer to the EVAL-LT83401/EVAL-LT83402 user guide. Note that large, switched
currents flow in the LT83401/LT83402 VIN and GND pins and the input capacitors. The loops formed by the input
capacitors should be as small as possible by placing the capacitors adjacent to the VIN and GND pins. Capacitors with
small case sizes, such as 0402 or 0603, are optimal due to their low parasitic inductance. Special care must be taken
with the input capacitors to ensure they have a low-impedance return path to the IC ground. This is achieved by
placing several grounds through the GND side of the input capacitors such that the ground plane is utilized to full
advantage. This should be an unbroken ground plane with a solid connection to the exposed pad of the IC, as shown
in Figure 49.
GND
SW
OUTS
2.2µH
0.1µH
DISCRETE L
100µF
100µF
×6
OPTIONAL
VOUT
LT83401/
LT83402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com