Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3045
Description  42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3045 Datasheet HTML 5Page - Analog Devices LT3045 Datasheet HTML 6Page - Analog Devices LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices LT3045 Datasheet HTML 10Page - Analog Devices LT3045 Datasheet HTML 11Page - Analog Devices LT3045 Datasheet HTML 12Page - Analog Devices LT3045 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Data Sheet
LT83401/LT83402
analog.com
Rev. 0
9 of 44
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
Figure 3. Pin Configurations
Table 3. Pin Descriptions
PIN
NAME
DESCRIPTION
1
RT
A resistor is connected between the RT and ground to set the switching frequency.
2
PG
The PG pin is the open-drain output of an internal comparator. PG remains high
impedance until the PGFB pin is within ±7.5% of 0.5V, and there are no fault
conditions. PG is pulled low when EN/UVLO is below 0.75V, INTVCC has fallen too low,
or during thermal shutdown. PG is valid when VIN is above 2.8V.
3
SYNC/MODE
For the LT83401/LT83402, this pin programs three different operating modes: 1) Pulse-
Skipping Mode: Connect this pin to GND for pulse-skipping mode for improved
efficiency at light loads. 2) Forced Continuous Mode (FCM): This mode offers fast
transient response and full frequency operation over a wide load range. Connect this
pin high to INTVCC (~3.4V) or an external supply greater than 1.5V for FCM. The part also
operates in this mode by default if this pin is left floating. 3) Synchronization Mode:
Drive this pin with a clock source to synchronize to an external frequency. During
synchronization, the part operates in forced continuous mode. The SYNC/MODE pin
can be toggled during operation to change the operating mode. Contact the factory for
versions of this part that replace the SYNC/MODE pin with a CLKOUT pin. The CLKOUT
pin would provide a 50% duty-cycle square wave of the switching frequency, 180° out-
of-phase with the internal clock of the part, with a peak-to-peak amplitude of INTVCC to
GND.
LFCSP PACKAGE
15-LEAD (3mm × 2mm × 0.75mm)
JEDEC BOARD θJA = 50°C/W, θJC(TOP) = 67.1°C/W, θJC(PAD) = 10.4°C/W
DEMO BOARD θJA = 33°C/W, ψJT = 1.7°C/W
EXPOSED PAD IS GND AND SHOULD BE SOLDERED TO PCB
1
RT
2
PG
3
SYNC/MODE
4
VIN
8
VIN
9
BST
10 INTVCC
11 EN/UVLO
LT83401/LT83402
TOP VIEW
16 GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com