Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 24 Page - Analog Devices

Part # LT3045
Description  42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 24 Page - Analog Devices

Back Button LT3045 Datasheet HTML 20Page - Analog Devices LT3045 Datasheet HTML 21Page - Analog Devices LT3045 Datasheet HTML 22Page - Analog Devices LT3045 Datasheet HTML 23Page - Analog Devices LT3045 Datasheet HTML 24Page - Analog Devices LT3045 Datasheet HTML 25Page - Analog Devices LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Data Sheet
LT83401/LT83402
analog.com
Rev. 0
24 of 44
Forced Continuous Mode (FCM)
The LT83401/LT83402 can operate in FCM for fast transient response and full-frequency operation over a wide load
range. When in FCM, the oscillator operates continuously, and positive SW transitions are aligned to the clock.
Negative inductor current is allowed at light loads or under large transient conditions. In this mode, the
LT83401/LT83402 can sink current from the output and return this charge to the input, improving load-step transient
response (for a comparison of pulse-skip mode and FCM, see Figure 50). At light loads, FCM operation is less efficient
than pulse-skipping operation, but it may be useful in applications where it is necessary to keep switching harmonics
out of the signal band. FCM must be used if the output is required to sink current. To enable FCM, connect the pin to
INTVCC or > 1.5V, or float the pin.
Figure 50. Load Step Transient Response with and without FCM. See Typical Application Circuit (Figure 59)
FCM is disabled under VIN overvoltage conditions (VIN pin is held above 42V), if VOUT is too high (PGFB pin is held greater
than 537.5mV) and during start-up until the voltage on VOUT has charged up to ~97.5% of its final value (as indicated
when the PGFB pin rises to above 487.5mV). For the latter two conditions, it is assumed the PGFB pin is connected to
the output voltage through an appropriate resistor divider. When FCM is disabled in these ways, negative inductor
current is not allowed, and the LT83401/LT83402 operate in pulse-skipping mode.
Pulse-Skipping Mode
When not operating in FCM, the LT83401/LT83402 operates in pulse-skipping mode. In this mode, the oscillator
operates continuously, and all switching cycles are aligned to the clock. The negative inductor current is not allowed
in this mode; therefore, at light loads, the LT83401/LT83402 may be operating in discontinuous mode. Additionally,
in pulse-skipping mode, the LT83401/LT83402 may also skip switching cycles at very light loads for improved
efficiency or at very high duty cycles to achieve better dropout. To enable pulse-skipping mode, connect the
SYNC/MODE pin to GND.
Synchronization
To synchronize the LT83401/LT83402 oscillator to an external frequency, connect a square wave to the SYNC/MODE
pin. The square wave amplitude should have valleys below 0.7V and peaks above 1.5V (up to 6V), with a minimum
on-time and off-time of 50ns.
While synchronized to an external clock, the part runs in FCM to maintain regulation. The LT83401/LT83402 can be
synchronized over a 300kHz to 6MHz range. The RT resistor should be chosen to set the LT83401/LT83402 switching
frequency to below the lowest synchronization input. The slope compensation is set by the RT value, while the
minimum slope compensation required to avoid subharmonic oscillations is established by the inductor size, input
voltage, and output voltage. Since the synchronization frequency does not change the inductor current waveform
FORCED CONTINUOUS MODE
PULSE-SKIPPING MODE
0.1A
1.1A
20µs/DIV
ILOAD
1A/DIV
VOUT
20mV/DIV
VIN = 12V, VOUT = 3.3V, fSW = 2MHz, RC = 1.0kΩ, CC = 4.7nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com