| Electronic Components Datasheet Search |
|
TUSB7320 Datasheet(PDF) 111 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB7320 Datasheet(HTML) 111 Page - Texas Instruments |
|
111 / 122 page ![]() 9 Device and Documentation Support 9.1 Device Support 9.1.1 Third-Party Products Disclaimer TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES NOT CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR SERVICES OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR SERVICES, EITHER ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE. 9.1.2 Device Nomenclature Throughout this data sheet, several conventions are used to convey information. A list of these conventions are as follows: 1. To identify a binary number or field, a lower case b follows the numbers. For example: 000b is a 3-bit binary field. 2. To identify a hexadecimal number or field, a lower case h follows the numbers. For example: 8AFh is a 12-bit hexadecimal field. 3. All other numbers that appear in this document that do not have either a b or h following the number are assumed to be decimal format. 4. If the signal or terminal name has a bar above the name (for example, GRST), then this indicates the logical NOT function. When asserted, this signal is a logic low, 0, or 0b. 5. Differential signal names end with P, N, +, or – designators. The P or + designators signify the positive signal associated with the differential pair. The N or – designators signify the negative signal associated with the differential pair. 6. RSVD indicates that the referenced item is reserved. 7. For each register bit in Register Maps, the software access method is identified in an access column. The legend for this access column includes the following entries: • r – read access by software • u – updates by the host controller internal hardware • w – write access by software • c – clear an asserted bit with a write-back of 1b by software. Write of zero to the field has no effect • s – the field may be set by a write of one. Write of zero to the field has no effect • na – not accessible or not applicable 9.2 Documentation Support 9.2.1 Related Documentation For related documentation, see the following: • Texas Instruments, USB 2.0 Board Design and Layout Guidelines application note • Universal Serial Bus 2.0 Specification • Universal Serial Bus 3.0 Specification • Extensible Host Controller Interface for Universal Serial Bus (xHCI), Revision 0.96 • PCI Express Base Specification, Revision 2.1 • PCI Express Card Electromechanical Specification, Revision 2.0 • PCI Express Mini Card Electromechanical Specification, Revision 1.2 • PCI Bus Power Management Interface Specification, Revision 1.2 • PCI Local Bus Specification, Revision 3.0 • Guidelines for 64-Bit Global Identifier (EUI-64) Registration Authority 9.3 Receiving Notification of Documentation Updates To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on Notifications to register and receive a weekly digest of any product information that has changed. For change details, review the revision history included in any revised document. www.ti.com TUSB7320, TUSB7340 SLLSE76Q – MARCH 2011 – REVISED MARCH 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 111 Product Folder Links: TUSB7320 TUSB7340 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |