| Electronic Components Datasheet Search |
|
TUSB7320 Datasheet(PDF) 114 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB7320 Datasheet(HTML) 114 Page - Texas Instruments |
|
114 / 122 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TUSB7320IRKMR Active Production WQFN-MR (RKM) | 100 3000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 TUSB7320I RKM TUSB7320IRKMR.A Active Production WQFN-MR (RKM) | 100 3000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 TUSB7320I RKM TUSB7320IRKMT Active Production WQFN-MR (RKM) | 100 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 TUSB7320I RKM TUSB7320IRKMT.A Active Production WQFN-MR (RKM) | 100 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 TUSB7320I RKM TUSB7320IRKMTG4 Active Production WQFN-MR (RKM) | 100 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 TUSB7320I RKM TUSB7320IRKMTG4.A Active Production WQFN-MR (RKM) | 100 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 TUSB7320I RKM TUSB7320RKMR Active Production WQFN-MR (RKM) | 100 3000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR 0 to 70 TUSB7320 RKM TUSB7320RKMR.A Active Production WQFN-MR (RKM) | 100 3000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR 0 to 70 TUSB7320 RKM TUSB7320RKMT Active Production WQFN-MR (RKM) | 100 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR 0 to 70 TUSB7320 RKM TUSB7320RKMT.A Active Production WQFN-MR (RKM) | 100 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR 0 to 70 TUSB7320 RKM TUSB7340IRKMR Active Production WQFN-MR (RKM) | 100 3000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 TUSB7340I RKM TUSB7340IRKMR.A Active Production WQFN-MR (RKM) | 100 3000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 TUSB7340I RKM TUSB7340IRKMT Active Production WQFN-MR (RKM) | 100 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 TUSB7340I RKM TUSB7340IRKMT.A Active Production WQFN-MR (RKM) | 100 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 TUSB7340I RKM TUSB7340IRKMTG4 Active Production WQFN-MR (RKM) | 100 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 TUSB7340I RKM TUSB7340IRKMTG4.A Active Production WQFN-MR (RKM) | 100 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 TUSB7340I RKM Addendum-Page 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |