Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 113 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 113 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 109Page - Texas Instruments TUSB7320 Datasheet HTML 110Page - Texas Instruments TUSB7320 Datasheet HTML 111Page - Texas Instruments TUSB7320 Datasheet HTML 112Page - Texas Instruments TUSB7320 Datasheet HTML 113Page - Texas Instruments TUSB7320 Datasheet HTML 114Page - Texas Instruments TUSB7320 Datasheet HTML 115Page - Texas Instruments TUSB7320 Datasheet HTML 116Page - Texas Instruments TUSB7320 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 122 page
background image
Changes from Revision L (August 2013) to Revision M (July 2015)
Page
• Added Pin Configuration and Functions, ESD Ratings, Feature Description, Device Functional Modes,
Application and Implementation, Power Supply Recommendations, Layout, Device and Documentation
Support, and Mechanical, Packaging, and Orderable Information sections.......................................................1
• Deleted from Section Clock Source Requirements part of the paragraph; -50 MHz. Changed supported
Crystal value to 24 MHZ and 48 MHz ............................................................................................................. 17
• Deleted the first ItemizedList under Two-Wire Serial-Bus Interface section ....................................................18
• Deleted part of sentence from Table 112. in bit row 30, description; 'with the PLL....SEL field........................ 70
• Deleted the Description from Table 112, in row 29:24 and replaced with Reserved also, replaced rw with w in
same row .........................................................................................................................................................70
Changes from Revision K (March 2011) to Revision L (May 2013)
Page
• Added text "If a 48 MHz reference clock is used instead of a crystal, GRST# must remain asserted until the
48 MHz clock is stable"...................................................................................................................................... 3
• Added text - "If a 48 MHz reference clock is used instead of a crystal, GRST# must remain asserted until the
48 MHz clock is stable".................................................................................................................................... 31
• Replaced the Power Up Sequence image........................................................................................................31
11 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
113
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com