Electronic Components Datasheet Search
  English  ▼

X  

HUSB238A Datasheet(PDF) 4 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238A
Description  USB PD Sink Controller Supporting EPR Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238A Datasheet(HTML) 4 Page - Hynetek Semiconductor Co., Ltd.

  HUSB238A Datasheet HTML 1Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 2Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 3Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 4Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 5Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 6Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 7Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
HUSB238A
Datasheet
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 4 of 22
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
INT_N
D+
SDA/SNK_VSET
1
2
HUSB238A
3x3 QFN-16L
3
SCL/SNK_ISET
4
9
CC2
D-
CC1
10
11
12
17 GND
EN_N
Figure 2. Pin Assignment
Table 1. Pin Function Descriptions
Pin No. Pin Name
Type1 Description
1
D+
IO
Positive line of the USB data line pair.
2
D−
IO
Negative line of the USB data line pair.
3
CC1
IO
USB Type-C CC1 line.
4
CC2
IO
USB Type-C CC2 line.
5
VDD
P
Input supply 1 for internal circuitry. It is recommended to tie this pin to the single cell
battery or a 3.3 V power rail. When the power is not available this pin, the VBUS pin
may power the internal circuitry. Place a 1μF ceramic capacitor across this pin and
GND pin.
6
DEBUG_N
IO
This pin is push-pull output to indicate the Debug Accessory Detection results.
Low = Debug Accessory detected
High = Debug Accessory not detected
Note: a 900 kΩ resistor to GND should be used.
7
EN_HVDCP/OUT1
IO
Dual function pin. In input mode, this pin (EN_HVDCP) is a digital input pin to enable
the HVDCP protocol detection in Sink mode. HUSB238A may perform different
actions:
Connected to GND = Only perform BC1.2 detection
Connected to VDD = Perform HVDCP detection after BC1.2 DCP is detected
In output mode, this pin (OUT1) is push-pull output whose output status can be
configured by I2C.
Note: a 900 kΩ resistor should be used when connecting to VDD or GND to reduce
standby current.
8
ADDR/ORIENT
IO
Dual function pin. In input mode, this pin (ADDR) is a 3 state input to set the working
mode. The working mode is defined as:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com