Electronic Components Datasheet Search
  English  ▼

X  

HUSB238A Datasheet(PDF) 11 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238A
Description  USB PD Sink Controller Supporting EPR Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238A Datasheet(HTML) 11 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB238A Datasheet HTML 7Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 13Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 14Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 15Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Datasheet
HUSB238A
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 11 of 22
THEORY OF OPERATION
The HUSB238A is a USB PD Sink controller. It supports PD protocol and legacy charging protocols detection and
requests the desired power per the user settings. The HUSB238A can run in I2C mode and GPIO mode. In I2C mode,
an I2C master can access the HUSB238A to configure settings, read back status and perform advanced functions such
as DR Swap, VDM messages. While in GPIO mode, the configuration is achieved via the setting pins.
POR AND UVLO
HUSB238A can be powered by VDD pin or VBUS pin. The VDD pin has higher priority. When the voltage at VDD pin
exceeds the VDD_UVLO_R or the VBUS voltage exceeds the VBUS_UVLO_R when VDD < VDD_UVLO_F, HUSB238A starts
initialization.
When the voltage at VDD pin is less than VDD_UVLO_F and VBUS voltage is less than VBUS_UVLO_F, the HUSB238A is reset.
ENABLE CONTROL
HUSB238A has an enable pin (EN_N) for the whole system control. When EN_N is high, the whole system is disabled,
When EN_N is low, the whole system is enabled.
When EN_N is low, and HUSB238A is in I2C mode, there is an additional ENABLE bit (Register CONTROL1[3]) to
enable or disable the HUSB238A, when this ENABLE bit is 0b, all of functions of HUSB238A is turned off except the
I2C accessibility, EN_N detection and UVLO detection. Only when the ENABLE=1b, the disabled functions resume to
work.
ADDR/ORIENT PIN
For ADDR/ORIENT pin, it is employed to select whether HUSB238A works as I2C mode or GPIO mode.
Table 6. Work Mode Configuration
ADDR/ORIENT Connection
HUSB238A Work Mode Configured
Connected to VDD via a 900kΩ Resistor
I2C mode with slave address=62H
Floating
GPIO mode
Connected to GND via a 900kΩ Resistor
I2C mode with slave address=42H
EN_HVDCP/OUT1 PIN
For EN_HVDCP/OUT1 pin, it is employed to determine whether HUSB238A can support HVDCP detection.
Table 7. Legacy Protocol Detection Configuration
EN_HVDCP/OUT1 Connection
HUSB238A Legacy Protocol Detection
Connected to VDD via a 900kΩ Resistor
Perform BC1.2 and HVDCP protocols
Floating
Perform BC1.2 and HVDCP protocols
Connected to GND via a 900kΩ Resistor
Only perform BC1.2 detection
VBUS PIN
The VBUS pin has multiple functions for the applications. It could be an input power source for the IPR, the discharging
path and the monitor pin for protections and disconnection.
VOLTAGE MEASUREMENT
A ADC is connected to the VBUS pin as well, the VBUS voltage is updated periodically in the VBUS MEASUREMENT
register. The I2C master can read this register to make further decision.
ANALOG INPUT PINS
After the initialization, the HUSB238A is able to output the status of current connection. When ADDR/ORIENT is floating
during initialization, HUSB238A is in GPIO mode. In this mode, the SDA/SNK_VSET, SCL/SNK_ISET pins are
repopulated as analog input pins.
SNK_VSET PIN
This pin is used to set the request voltage. This pin is pulled up internally. Connect a resister with 1% tolerance between
SNK_VSET and GND to indicate the SNK_VSET_VOLTAGE value as shown in Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com