Electronic Components Datasheet Search
  English  ▼

X  

HUSB238A Datasheet(PDF) 16 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238A
Description  USB PD Sink Controller Supporting EPR Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238A Datasheet(HTML) 16 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB238A Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 13Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 14Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 15Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 16Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 17Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 18Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 19Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 20Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
HUSB238A
Datasheet
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 16 of 22
TYPICAL APPLICATION CIRCUITS
HUSB238A
3mmx3mm QFN-16L
CC2
CC1
1uF
VBUS
VBUS
GND
D+
D-
CC1
CC2
D+
D-
SDA/SNK_VSET
SCL/SNK_ISET
System
VDD
3.3V
GATE
ADDR/ORIENT
FAULT/OUT2
GND
EN_HVDCP/OUT1
FLGIN
AP
USB 3.1
SWITCH
TRX#1
TRX#2
USB/DP/MHL
EN_N
GPIO
GPIO
INT_N
900k
Ω
GPIO
DBG_N
900k
Ω
Figure 4. HUSB238A Typical Application in GPIO mode (maximum 28V)
HUSB238A
3mmx3mm QFN-16L
CC2
CC1
1uF
VBUS
VBUS
GND
D+
D-
CC1
CC2
D+
D-
SDA/SNK_VSET
SCL/SNK_ISET
AP
System
INT_N
VDD
GATE
FAULT/OUT2
ADDR/ORIENT
USB 3.1
SWITCH
TRX#1
TRX#2
USB/DP/MHL
GND
DBG_N
EN_N
FLGIN
SDA
SCL
INT_N
GPIO
EN_HVDCP/OUT1
900k
Ω
900k
Ω
3.3V
Figure 5. HUSB238A Typical Application in I2C mode (maximum 28V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com