Electronic Components Datasheet Search
  English  ▼

X  

HUSB238A Datasheet(PDF) 13 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238A
Description  USB PD Sink Controller Supporting EPR Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238A Datasheet(HTML) 13 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB238A Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 13Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 14Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 15Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 16Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 17Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Datasheet
HUSB238A
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 13 of 22
FLGIN
The FLGIN pin is a digital input pin. It is an input source for interrupt. This interrupt can be set INT_N low if it is not
masked. Furthermore, this input signal can be mapped to disable GATE pin immediately by setting EN_FAULTIN bit.
Please note that, this digital output pin is Hi-Z during initialization.
INPUT AND OUTPUT PINS
There are 3 pins that are implemented by dual functions. They are all input and output pins. However, they perform
input pin only during initialization when the HUSB238A determines the settings by these pin. After the initialization, these
pins switches to output pin with push-pull output. These pins are DBG_N, EN_HVDCP/OUT1 and ADDR/ORIENT.
DEBUG_N PIN
The DEBUG_N pin is a push-pull output that indicate HUSB238A connection status in Table 11:
Table 11. DEBUG_N Pin Definition
DEBUG_N Status
Description
Low
Debug Accessory detected
High
Debug Accessory not detected
ORIENT PIN
The ORIENT pin is a push-pull output that indicate HUSB238A connection status in Table 12.
Table 12. ORIENT Pin Definition
ORIENT Status
Description
Low
STATUS[5:4]=00b,11b or 01b
High
STATUS[5:4]=10b
OUT1 PIN
The OUT1 pin is purely a general output pin, which can be controlled by the EN_OUT1.
CC LOGIC
HUSB238A is able to support the USB Type-C Rev.2.1. CC1 and CC2 pins are used to detect the attachment or
detachment with the external devices.
SOP VDM MESSAGES
HUSB238A supports Structured VDMs. Therefore, the Discover Identity, Discover SVIDs, Discover Modes, Enter Mode
and Exit Mode Commands are all supported by HUSB238A. HUSB238A can initial Structure VDMs via the
GO_COMMAND or respond a received Structure VDM REQ.
POLICY ENGINE
The following sections describes the system policy for typical applications.
SINK REQUESTED POWER DETERMINATION
The request data object (RDO) could be determined in different ways in different modes.
RDO IN GPIO MODE
The HUSB238A can request different voltage per the predetermined settings. There are two ways where the request
voltage can be set. One is the configuration of SNK_ISET and SNK_VSET pin and another way is the SNK_RDO2
Configurations. The HUSB238A compares the two values and uses the lower value as its target RDO in GPIO mode.
For example, if the SNK_VSET and SNK_ISET is configured as 9V / 3A. The SNK_RDO2 Configurations is 12V / 2A.
Then the RDO that HUSB238A requests from the PD source is 9V / 2A.
After the RDO is determined, the HUSB238A loops through the PD source PDOs from highest voltage first to find the
first PDO that satisfies the following conditions:
1.
SOURCE_PDO_VOLTAGE ≤ RDO_VOLTAGE
2.
SOURCE_PDO_CURRENT ≥ RDO_CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com