Electronic Components Datasheet Search
  English  ▼

X  

HUSB238A Datasheet(PDF) 7 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238A
Description  USB PD Sink Controller Supporting EPR Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238A Datasheet(HTML) 7 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB238A Datasheet HTML 3Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 4Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 5Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 6Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 7Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Datasheet
HUSB238A
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 7 of 22
Parameter
Symbol
Test
Conditions/Comments
Min
Typ
Max
Unit
Analog Input Pins (SNK_ISET,
SNK_VSET, SRC_ISET)
Pull up Source Current
ISNK_VSET
On SNK_VSET pin
95
100
105
μA
ISNK_ISET
On SNK_ISET pin
95
100
105
μA
SNK_VSET Setting Resistor
RSNK_VSET0
VSET_VOLTAGE=5 V
0
2
kΩ
RSNK_VSET1
VSET_VOLTAGE=9 V
2.85
3
3.15
kΩ
RSNK_VSET2
VSET_VOLTAGE=12 V
5.7
6
6.3
kΩ
RSNK_VSET3
VSET_VOLTAGE=15 V
10.45
11
11.55
kΩ
RSNK_VSET4
VSET_VOLTAGE=20 V
18.05
19
19.95
kΩ
RSNK_VSET5
VSET_VOLTAGE=28 V
1
MΩ
SNK_VSET Setting Resistor
RSNK_ISET0
ISET_CURRENT=1.25 A
0
1.5
kΩ
RSNK_ISET1
ISET_CURRENT=1.5 A
2.137
2.25
2.362
kΩ
RSNK_ISET2
ISET_CURRENT=1.75 A
3.8
4
4.2
kΩ
RSNK_ISET3
ISET_CURRENT=2 A
5.7
6
6.3
kΩ
RSNK_ISET4
ISET_CURRENT=2.25 A
7.98
8.4
8.82
kΩ
RSNK_ISET5
ISET_CURRENT=2.5 A
10.925
11.5
12.075
kΩ
RSNK_ISET6
ISET_CURRENT=2.75 A
14.82
15.6
16.38
kΩ
RSNK_ISET7
ISET_CURRENT=3 A
19.95
21
22.05
kΩ
RSNK_ISET8
ISET_CURRENT=3.25 A
1
MΩ
Type-C Pins (CC1, CC2)
Sink Pull Down Resistor
Rd
In Sink Mode
4.6
5.1
5.6
kΩ
Ra Detection Threshold as Sink
vRa_SNK
Connected as Sink
0.15
0.2
0.25
V
Rd Detection Threshold as Sink
vRd_SNKDEF
Connected as Sink with IRP_DEF
attached
0.61
0.66
0.7
V
vRd_SNK1.5A
Connected as Sink with IRP_1.5A
attached
1.16
1.23
1.31
V
CC Over-voltage Threshold
vCCOV
For any CC pin, VDD >
VDD_UVLO_R
VDD+3
V
For any CC pin, VDD <
VDD_UVLO_F
6.3
V
VBUS Present and Protection
VBUS Present Rising Threshold
vVBPRS_R
Rising edge to set
VBUS_OK=1b
3.67
4
4.4
V
VBUS Present falling Threshold
vVBPRS_F
Falling edge to set
VBUS_OK=0b
2.9
3.3
3.67
V
VBUS Present Hysteresis
vVBPRS_HYS
Hysteresis Voltage to set
VBUS_OK=0b
0.7
V
VBUS UV falling Threshold
vVBUV_F0
Falling edge to detect
disconnection when 26 V >
RDO > 10 V, refer to the
requested voltage
86
%
vVBUV_F1
Falling edge to detect
disconnection when 10 V ≥
RDO > 5 V, refer to the
requested voltage
80
%
vVBUV_F2
Falling edge to detect
disconnection when RDO ≥ 26
V
22.4
V
VBUS UV Hysteresis
vVBUV_HYS
0.1
V
VBUS Over-voltage Threshold
VBUS_OV
Refer to the requested voltage
120
%
VBUS Over-voltage Hysteresis
vVBOV_HYS
0.1
V
VBUS Over-voltage Deglitch
tDEB_OV
Valid duration to set interrupt
50
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com