Electronic Components Datasheet Search
  English  ▼

X  

HUSB238A Datasheet(PDF) 15 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238A
Description  USB PD Sink Controller Supporting EPR Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238A Datasheet(HTML) 15 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB238A Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 13Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 14Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 15Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 16Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 17Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 18Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 19Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Datasheet
HUSB238A
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 15 of 22
UNDER VOLTAGE PROTECTION
The HUSB238A detects the VBUS pin voltage to achieve a disconnection detection. When the under voltage fault
occurs, the HUSB238A moves out the Attached.SNK state.
Please note that this disconnection detection is only valid when the requested VBUS voltage is higher than 5 V. when
the request voltage is equal to 5 V (FPDO=5V, QC2, BC1.2 and Divider 3), the disconnection threshold is vVBPRS_F. If
the request RDO is APDO, the UV detection is ignored. Refer to the Table 14.
Table 14. Under-voltage Threshold in Sink Mode
Requested Voltage (V)
Under-voltage Threshold
5 V
vVBPRS_F
5 V to 10 V
80% of Requested Voltage
10 V to 26 V
86% of Requested Voltage
Higher than 26 V
22.4 V
THREMAL SHUT DOWN
The HUSB238A integrates thermal shut down function. It monitors the internal junction temperature. When the junction
temperature reaches the thermal shut down threshold TTSD_R for tTSW, and the current requested voltage is higher than
5 V, the HUSB238A requests 5V voltage directly, regardless of the previous established contract, to reduce the total
system power. If the junction temperature reaches the thermal shut down threshold TTSD_R for tTSD, the TSD fault can be
set to entry the fault mode. If the fault is removed, the device enters into unattached mode after 50ms.
I2C MODE
After the initialization, the HUSB238A is able to output the status of current connection. When ADDR/ORIENT is
connected to VDD or GND during initialization, HUSB238A is in I2C mode. In this mode, the INT_N, SDA/SNK_VSET,
SCL/SNK_ISET pins are repopulated as I2C interface pins.
INT_N
The INT_N pin is an active LOW open drain interruption output used to prompt the processor to access the I2C registers.
An external pull-up resistor is recommended for INT_N pin to output a high voltage level when this pin is not active. The
pull-up voltage should be same as the pull-up voltage of SCL and SDA.
SCL AND SDA
The HUSB238A implements a Fast-mode I2C interface. The SCL and SDA pins can detect the status of the input signals
and drive the I2C bus when needed.
DEAD BATTERY
The HUSB238A works as PD sink role which requires Rd resistor to be presented on the CC pins even in the un-
powered state for successful Type-C detection by source adapter.
The dead battery function supports default USB, 1.5 A and 3.0 A source broadcast Rp current.
SLEEP MODE
The HUSB238A has a specified Sleep Mode to save the power consumption from VDD or VBUS. This function can be
enabled or disabled by internal fuse option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com