Electronic Components Datasheet Search
  English  ▼

X  

HUSB238A Datasheet(PDF) 6 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238A
Description  USB PD Sink Controller Supporting EPR Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238A Datasheet(HTML) 6 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB238A Datasheet HTML 2Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 3Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 4Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 5Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 6Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 7Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
HUSB238A
Datasheet
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 6 of 22
RECOMMENDED OPERATING CONDITIONS
Table 2.
Parameter
Rating
VDD Input Voltage
3 V to 5.5 V
VBUS Input Voltage (VDD is available)
3.15 V to 29.4 V
VBUS Input Voltage (VDD is unavailable)
4.5 V to 29.4 V
Operating Temperature Range (Junction)
-40 °C to 125 °C
Ambient Temperature Range
-40 °C to 85 °C
SPECIFICATIONS
VDD = 3 V to 5.5 V or VDD < 3 V and VBUS = 4.5 V to 29.4 V, TJ = -40 °C to 125 °C for minimum and maximum
specifications, and TA = 25 °C for typical specifications, unless otherwise noted.
Table 3.
Parameter
Symbol
Test
Conditions/Comments
Min
Typ
Max
Unit
Power Supply
VDD UVLO Rising Threshold
VDD_UVLO_R
Power Up to normal operation
2.65
2.75
2.85
V
VDD UVLO Falling Threshold
VDD_UVLO_F
Falling edge to stop normal
operation
2.55
2.65
2.75
V
VDD UVLO Hysteresis
VDD_UVLO_HYS
Hysteresis Voltage to be
shutdown
0.1
V
VDD Standby Current
ISTBY
EN_N=Low without attachment,
VDD=4.5 V & VBUS=0 V
30
45
μA
VDD Operating Current in Active
Mode
IOP_VDD
EN_N=Low and attached as an
Active Sink, VDD=4.5 V &
VBUS=5 V
4
4.5
mA
VBUS UVLO Threshold
VBUS_UVLO_R
VDD=0 V
3.67
4
4.4
V
VBUS_UVLO_F
VDD=0 V
2.9
3.3
3.67
V
VBUS UVLO Hysteresis
VBUS_UVLO_HYS
Hysteresis Voltage to be
shutdown
0.1
V
VBUS Operating Current in Active
Mode
IOP_VBUS
EN_N=Low and attached as an
Active Sink, VDD=0 V &
VBUS=29.4 V
4
4.5
mA
Open Drain Output Pins (GATE,
INT_N)
Output Low Voltage
VOL_OD
Sink current=2 mA
0.4
V
Enable Pin (EN_N)
Low Level Input Threshold
VIL_EN
0.4
V
High Level Input Threshold
VIH_EN
1.35
V
Input and Output Pins
(PORT/DEBUG_N, ADDR/ORIENT,
EN_HVDCP/OUT1)
Output Low Voltage
VOL_PP
Sink current=1 mA
0.2∙VDD
V
Output High Voltage
VOH_PP
Source current=1 mA
0.8∙VDD
V
I2C Characteristics (SDA, SCL pins)
Output Low Voltage
VOL_I2C
Sink current is 2 mA
0.4
V
Input Low Voltage
VIL_I2C
I2C Pull up voltage is 3.3 V
0.99
V
Input High Voltage
VIH_I2C
I2C Pull up voltage is 3.3 V
2.31
V
Input Voltage Hysteresis
VHYS_I2C
I2C Pull up voltage is 3.3 V
0.17
V
SCL Clock Frequency
fSCL_I2C
0
400
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com