Electronic Components Datasheet Search
  English  ▼

X  

HUSB238A Datasheet(PDF) 5 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238A
Description  USB PD Sink Controller Supporting EPR Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238A Datasheet(HTML) 5 Page - Hynetek Semiconductor Co., Ltd.

  HUSB238A Datasheet HTML 1Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 2Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 3Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 4Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 5Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 6Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 7Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Datasheet
HUSB238A
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 5 of 22
Pin No. Pin Name
Type1 Description
Connected to VDD = I2C mode with slave address 62H
Connected to GND = I2C mode with slave address 42H
Float = GPIO mode
In output mode, this pin (ORIENT) is push-pull output to indicate the connection
status.
Low = CC1 of USB Type-C receptacle is connected
High = CC2 of USB Type-C receptacle is connected
Note: a 900 kΩ resistor should be used when connecting to VDD or GND to reduce
standby current.
9
SDA/SNK_VSET
AIO
Dual functions pin. In I2C mode, this pin (SDA) is the data line of I2C bus.
In GPIO mode, this pin (SNK_VSET) combined with SNK_ISET to determine the
requested voltage.
10
SCL/SNK_ISET
AIO
Dual functions pin. In I2C mode, this pin (SDA) is the clock line of I2C bus.
In GPIO mode, this pin (SNK_ISET) combined with SNK_VSET to determine the
requested current.
11
INT_N
AIO
In I2C mode, this pin (INT_N) is an open-drain output to request the attention of
processor by pulling down this pin.
12
EN_N
AI
Chip enabled pin. It is pulled up internally and HUSB238A is enabled by pulling this
pin to GND.
13
FAULT/OUT2
DO
General output pin. The output purpose can be configured as a FAULT pin. When
used as FAULT pin, the device pulls this pin high if the power adapter cannot supply
the required voltage or current or if an OVP/UVP/OTP event is detected. This pin can
be also configured as General output pin (OUT2) controller by I2C master.
14
FLGIN
DI
General input pin. This input signal can be used to disable the GATE driver and
generate an interrupt when there is a valid high voltage is detected. It can be also
configured as just an interrupt source for INT_N, not disabling GATE driver.
15
GATE
O
Open drain output. This pin is employed to control the external VBUS switch.
16
VBUS
P
This pin has multiple functions including VBUS voltage detection, the discharge path
for VBUS pin and the Input supply 2 for internal circuitry. When VDD is unpowered,
HUSB238A could consume power from this pin.
17
GND
P
Ground connection point
1 Legend:
A = Analog Pin
P = Power Pin
D = Digital Pin
I = Input Pin
O = Output Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com