Electronic Components Datasheet Search
  English  ▼

X  

HUSB238A Datasheet(PDF) 12 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238A
Description  USB PD Sink Controller Supporting EPR Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238A Datasheet(HTML) 12 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB238A Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 13Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 14Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 15Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 16Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
HUSB238A
Datasheet
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 12 of 22
Table 8. SNK_VSET Setting
RSNK_VSET (kΩ)
Preferred Voltage (V)
0
5
3
9
6.04
12
11
15
19.1
20
Open
28 (if EPR_CAP_SNK=0b, then 20)
The RDO voltage of the HUSB238A is determined by the lower value between SNK_VSET and SNK_PDO2_VOLTAGE.
SNK_PDO2_VOLTAGE is programmable by internal fuse options and the default value is 20V. The requested voltage
value can be changed dynamically with the resistance value change in GPIO mode.
SNK_ISET PIN
This pin is used to set the request current when the HUSB238A connected as a Sink. This pin is pulled up internally.
Connect a resister with 1% tolerance between SNK_ISET and GND to indicate the ISET_CURRENT value as shown
in Table 9.
Table 9. SNK_ISET Setting
RSNK_ISET (kΩ)
Preferred CURERNT (A)
0
1.25
2.26
1.5
4.02
1.75
6.04
2
8.45
2.25
11.5
2.5
15.8
2.75
21
3
Open
3.25
The RDO current of the HUSB238A is determined by the lower value between ISET_CURRENT and
SNK_PDO2_CURRENT. SNK_PDO2_CURRENT is programmable by internal fuse options and the default value is
3.25A. The requested current value can be changed dynamically with the resistance value change in GPIO mode.
DIGITAL PINS
There are two additional digital pins for extended application. The two pins are FLGIN and FAULT/OUT2.
FAULT/OUT2
The FAULT/OUT2 pin is a digital output pin. It can be assigned as several functions selected by OUT2_SEL.
Fault Indication: Output Low in default. The HUSB238A pulls this pin high in several cases:
There is not any available PDO in Source Capabilities Message to cover the RDO request voltage or current.
Stays in Fault state.
The Fault Indication is reset after an initialization, SW_RES, change of OUT2_SEL, or Hard Reset command.
ID Indication: This pin indicates connection state.
Table 10. ID Indication Definition
ID Status
Description
Low
Attached as a Source
High-Z
Attached as a Sink or unattached
General Output2: The output state can be control by writing EN_OUT2. I2C master can write the EN_OUT2 bit to
change the output state.
Please note that, this digital output pin is Hi-Z during initialization. The output polarity can be changed by FLG_
POLARITY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com