Electronic Components Datasheet Search
  English  ▼

X  

HUSB238A Datasheet(PDF) 14 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238A
Description  USB PD Sink Controller Supporting EPR Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238A Datasheet(HTML) 14 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB238A Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 13Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 14Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 15Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 16Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 17Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 18Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
HUSB238A
Datasheet
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 14 of 22
If both the conditions above are satisfied, then HUSB238A sends a request for this source PDO with operating current
set to the RDO current value.
If either one of the condition is not satisfied, the HUSB238A continues to compare with the second highest voltage
source PDO or requests 5V source PDO directly, depending on the RDO_VOLTAGE_SELECT.
When the actual requested RDO is less than target RDO, the Cap Mismatch bit is sent in the actual requested RDO.
The RDO results are also suitable for legacy charging protocol request. When performing the legacy charging protocol
detection, the request voltage is also determined by this RDO results.
RDO IN I2C MODE
Additionally, in I2C mode, HUSB238A can access the internal registers to dynamic change the RDO by I2C bus. After
initialization, the HUSB238A may receive the Source Capabilities message from the PD source adapter and the
HUSB238A saves the source capability information in registers SRC_PDO_5V to SRC_PDO_20V. The I2C master can
visit the HUSB238A registers through the I2C bus and select a proper PDO by setting SRC_PDO register and then
writing 0x01 to GO_COMMAND register.
The I2C has the highest priority. If using I2C to select a source PDO, it over writes the internal RDO which is created by
SNK_VSET, SNK_ISET pins and internal factory fuse option, and the HUSB238A requests the I2C selected source PDO
once the I2C commands are written.
LEGACY CHARGER DETECTION
After the power on reset, the HUSB238A runs the PD PE or Apple Divider 3 and BC1.2 detections simultaneously when
PD_PRIOR=1. If PD_PRIOR =0, the PD PE is enabled 3s late after the connection is established.
For BC1.2 detection, the HUSB238A detects SDP (Standard Data Port), CDP (Charging Data Port) and DCP (Dedicated
Charging Port) sequentially.
If DCP is detected and HVDCP is enable, the HUSB238A performs HVDCP detection further.
EMARKER EMULATION
The HUSB238A is able to respond a Discover Identity message in SOP’ format anytime. No additional analog circuit is
needed. The HUSB238A also can be configured to only respond the Discover Identity SOP’ message when a PD
contract is established. This function can be enabled or disabled by internal effuse option.
FAULT RESPONSE
The HUSB238A implements multiple protections to prevent any damage from failure. CCOV, OVP, UV, TSD, UVLO are
all involved.
CC OVER VOLTAGE PROTECTION
Since CC1 and CC2 in Type-C connector is very close to VBUS pin, it is possible that the CC1 and CC2 pins are shorted
to VBUS pin in some unexpected cases. It is important to guarantee that the CC1 and CC2 pins can be survived under
such accidents. When the CC over-voltage condition occurs, the HUSB238A enters fault mode, If the fault is removed,
the device enters into unattached mode after 50ms.
OVER VOLTAGE PROTECTION
The HUSB238A detects the VBUS pin voltage to achieve over-voltage protection function. The OVP threshold is
changed with the Requested Voltage. When the over-voltage condition occurs, the HUSB238A enters fault Mode, the
HUSB238A turns off the external PMOS, the internal 5.1k Rd resistor is also disconnected during fault mode. If the fault
is removed, the device enters into unattached mode after 50ms.
The VBUS OV threshold is shown in Table 13.
Table 13. Over-voltage Protection Threshold
Requested Voltage (V)
Over-voltage Threshold
5 V and less
6 V
5 V to 26 V
120% of Requested Voltage
Higher than 26 V
31 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com