Electronic Components Datasheet Search
  English  ▼

X  

HUSB238A Datasheet(PDF) 18 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238A
Description  USB PD Sink Controller Supporting EPR Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238A Datasheet(HTML) 18 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB238A Datasheet HTML 14Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 15Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 16Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 17Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 18Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 19Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 20Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 21Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 22Page - Hynetek Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
HUSB238A
Datasheet
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 18 of 22
PACKAGE OUTLINE DIMENSIONS
1
5
9
TOP VIEW
SIDE VIEW
BOTTOM VIEW
4
8
12
13
16
e
16 X L
16 X b
D1
E1
A2
A1
A
0.50
0.40
0.30
L
0.50 BSC
e
1.80
1.70
1.55
E1
1.80
1.70
1.55
D1
3.00 BSC
E
3.00 BSC
D
0.30
0.25
0.18
b
0.203 REF
A2
0.05
0.02
0.00
A1
0.80
0.75
0.70
A
MAX
NOM
MIN
SYMBOLS
DIMENSION IN MILLIMETERS
E
D
PIN1
CORNER
PKG
PKG
k
k
0.20 MIN.
Figure 7. 3 mm × 3 mm QFN-16L Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com