Electronic Components Datasheet Search
  English  ▼

X  

HUSB238A Datasheet(PDF) 8 Page - Hynetek Semiconductor Co., Ltd.

Part # HUSB238A
Description  USB PD Sink Controller Supporting EPR Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNETEK [Hynetek Semiconductor Co., Ltd.]
Direct Link  https://www.hynetek.com/
Logo HYNETEK - Hynetek Semiconductor Co., Ltd.

HUSB238A Datasheet(HTML) 8 Page - Hynetek Semiconductor Co., Ltd.

Back Button HUSB238A Datasheet HTML 4Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 5Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 6Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 7Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 8Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 9Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 10Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 11Page - Hynetek Semiconductor Co., Ltd. HUSB238A Datasheet HTML 12Page - Hynetek Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
HUSB238A
Datasheet
©2023 Hynetek Semiconductor Co., Ltd. All rights reserved.
Page 8 of 22
Parameter
Symbol
Test
Conditions/Comments
Min
Typ
Max
Unit
BC1.2 and HVDCP Detection
DCD source current
IDP_SRC
7
10
13
μA
DCD Timeout
tDCD_TIMEOUT
500
ms
BC1.2 Source voltage
VDPM_SRC_0V6
0.5
0.6
0.7
V
BC1.2 Sink Current
IDPM_SNK
50
100
150
μA
D- Source Voltage for 3.3V
VDM_SRC_3P3
3.0
3.3
3.6
V
D+ Source Voltage for 3.3V
VDP_SRC_3P3
3.0
3.3
3.6
V
D- 3.3V Pull-up Resistance
RDM_SRC_3P3
0.9
1.24
1.57
kΩ
D+ 3.3V Pull-up Resistance
RDP_SRC_3P3
0.9
1.24
1.57
kΩ
Data Detect Voltage
VDAT_REF
250
325
400
mV
D+/D- Comparator Threshold for
2.7V Detection
VTH_2P7_HI
High threshold for Apple divider
3
2.85
2.95
3.05
V
VTH_2P7_LO
Low threshold for Apple divider
3
2.25
2.35
2.45
V
Digital Input Pin (FLGIN)
Digital Input High Voltage
VIH_GPIO
VI_GPIO for 3.3 V
2
V
Digital Input Low Voltage
VIL_GPIO
VI_GPIO for 3.3 V
0.8
V
Input Hysteresis
VHYS_GPIO
VI_GPIO for 3.3 V
0.2
V
Digital Output Pin (FAULT/OUT2)
Output Low Voltage
VOL_PP
Sink current=1 mA
0.2VDD
V
Output High Voltage
VOH_PP
Source current=1 mA
0.8VDD
V
Thermal Shut Down
Thermal Shut Down Threshold
TTSD_R
Rising Threshold
150
℃
TTSD_F
Falling Threshold
130
℃
TSW Debounce Time
tDB_TSW
100
ms
TSD Debounce Time
tDB_TSD
1000
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com