Electronic Components Datasheet Search
  English  ▼

X  

CMS06 Datasheet(PDF) 2 Page - Nisshinbo Micro Devices Inc.

Part # CMS06
Description  1.2 A, 30 V Step-Down DC/DC Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

CMS06 Datasheet(HTML) 2 Page - Nisshinbo Micro Devices Inc.

  CMS06 Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
R1245x
No. EA-269-240903
2
APPLICATIONS
•
Digital Home Appliances: Digital TVs, DVD Players
•
Office Equipment: Printers, Faxes
•
5V PSU or 2-cell or more Li-ion Battery Powered Communication Equipment, Cameras, VCRs, Camcorders
•
High Voltage Battery-powered Equipment
SELECTION GUIDE
In the R1245x, the package, type of short protection (Latch or Fold-back), and the oscillator frequency can be
selected with the user’s request.
Selection Guide
Product code
Package
Quantity per Reel
Pb Free
Halogen Free
R1245S003-E2-FE
HSOP-8E
1,000 pcs
Yes
Yes
R1245K003-TR
DFN(PL)2020-8
5,000 pcs
Yes
Yes
R1245N001-TR-FE
SOT-23-6W
3,000 pcs
Yes
Yes
: Designation of the oscillator frequency and the protection function option.
Symbol
Oscillator
Frequency
Latch
Protection
Fold-back
Protection
A
330 kHz
✓
B
330 kHz
✓
C
500 kHz
✓
D
500 kHz
✓
E
1000 kHz
✓
F
1000 kHz
✓
G
2400 kHz
✓
H
2400 kHz
✓



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com