Electronic Components Datasheet Search
  English  ▼

X  

CMS06 Datasheet(PDF) 49 Page - Nisshinbo Micro Devices Inc.

Part # CMS06
Description  1.2 A, 30 V Step-Down DC/DC Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

CMS06 Datasheet(HTML) 49 Page - Nisshinbo Micro Devices Inc.

Back Button CMS06 Datasheet HTML 45Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 46Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 47Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 48Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 49Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 50Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 51Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 52Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 53Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
R1245x
No. EA-269-240903
49
28) Output current vs. Output voltage (Version G/H)
R1245x00xG/R1245x00xH
VOUT=1.5V
                  
(Ta=25℃)
1.485
1.490
1.495
1.500
1.505
1.510
1.515
0
200
400
600
800 1000 1200
IOUT (mA)
VIN = 4.5V
R1245x00xG/R1245x00xH
VOUT=3.3V
                  
(Ta=25℃)
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
0
200
400
600
800 1000 1200
IOUT (mA)
VIN = 6V
VIN = 10V
VIN = 12V
R1245x00xG/R1245x00xH
VOUT=5.0V
                  
(Ta=25℃)
4.95
4.97
4.99
5.01
5.03
5.05
0
200
400
600
800 1000 1200
IOUT (mA)
VIN = 8.0V
VIN = 12V
R1245x00xG/R1245x00xH
VOUT=12V
                  
(Ta=25℃)
11.80
11.90
12.00
12.10
12.20
0
200
400
600
800 1000 1200
IOUT (mA)
VIN = 24V
VIN = 30V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com