Electronic Components Datasheet Search
  English  ▼

X  

CMS06 Datasheet(PDF) 17 Page - Nisshinbo Micro Devices Inc.

Part # CMS06
Description  1.2 A, 30 V Step-Down DC/DC Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

CMS06 Datasheet(HTML) 17 Page - Nisshinbo Micro Devices Inc.

Back Button CMS06 Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
R1245x
No. EA-269-240903
17
TECHNICAL NOTES
• External components must be connected as close as possible to the ICs and make wiring as short as
possible. Especially, the capacitor connected in between VIN pin and GND pin must be wiring the shortest.
If their impedance is high, internal voltage of the IC may shift by the switching current, and the operating
may be unstable. Make the power supply and GND lines sufficient. In the wiring of the power supply, GND,
LX, VOUT and the inductor, large current by switching may flow. To avoid the bad influence, the wiring
between the resistance, “RUP” for setting the output voltage and loading, and the wiring between the inductor
and loading must be separated.
• The ceramic capacitors have low ESR (Equivalent Series Resistance) and recommended for the ICs. The
recommendation of CIN capacitor between VIN and GND is 10 F or more for A/B/C/D version, 4.7 F or
more for E/F version, and 2.2 F or more for G/H version. Verify the bias dependence and the temperature
characteristics of the ceramic capacitors. Recommendation conditions are written based on the case which
the recommendation parts are used with the R1245x.
• The R1245x is designed with the recommendation inductance value and ceramic capacitor value and phase
compensation has been made. If the inductance value is large, due to the lack of current sensing amount
of the current mode, unstable operation may result. On the contrary, if the inductance value is small, the
current sensing amount may increase too much, low frequency oscillation may occur when the on duty ratio
is beyond 50%. Not only that, if the inductance value is small, according to the increase of the load current,
the peak current of the switching may increase, as a result, the current may reach the current limit value
and the current limit may work.
• As for the diode, use the Schottky diode with small capacitance between terminals. The reference
characteristic of the capacitance between terminals is around 100 pF or less at 10 V. If the capacitance
between terminals is large, excess switching current may flow and the operation of the IC may be unstable.
If the capacitance between terminals of the Schottky diode is beyond 100 pF at 10 V or unknown, verify the
load regulation, line regulation, and the load transient response. If a diode with a small current rating and a
large Vf is used, the LX terminal voltage may exceed the negative MAXIMUM rating when the VOUT is
shorted, depending on the configuration of the peripheral circuit, and the IC may be damaged. This depends
on the short-circuit conditions, other peripheral components, and the board layout, but please be especially
careful when using a diode with a Vf value of more than 0.7V at 4-5A.
• If the VOUT Terminal is shorted under high input voltage conditions, the limit current value may become
significantly larger. (Refer to “MINIMUM ON TIME” page) In the case, we recommended the foldback
protection version or a version with frequency of 500kHz or less. Also, please take external measures for
current protection such as using a fuse, as necessary.
• Output voltage can be set by adjustment of the values of R1 and R2. The equation of setting the output
voltage is VOUT = VFB  (R1 + R2) / R2. If the values of R1 and R2 are large, the impedance of FB pin
increases, and pickup the noise may result. The recommendation value range of R2 is approximately
between 1.0 kΩ to 16 kΩ. If the operation may be unstable, reduce the impedance of FB pin.
• For the CE pin, as an ESD protection element, a diode to VIN pin is formed internal of the IC. If CE pin
voltage may become higher than VIN pin voltage, to prevent flowing large current from CE pin to VIN pin,
connect 10 k or more resistor between CE and VIN pin.
• Connect the backside heat radiation tub of the DFN(PL)2020-9/HSOP-8E to the GND. As for multi-layered
boards, to make better power dissipation, putting some thermal via on the thermal pad in the land pattern
and radiation of the heat to another layer is effective.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com