Electronic Components Datasheet Search
  English  ▼

X  

CMS06 Datasheet(PDF) 26 Page - Nisshinbo Micro Devices Inc.

Part # CMS06
Description  1.2 A, 30 V Step-Down DC/DC Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

CMS06 Datasheet(HTML) 26 Page - Nisshinbo Micro Devices Inc.

Back Button CMS06 Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 26Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 27Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 28Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 29Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 30Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
R1245x
No. EA-269-240903
26
VOLTAGE BETWEEN Lx PIN AND BST PIN
In the boot-strap style switching regulator, when the Lx pin voltage becomes lower than the regulator
which supplies BST voltage, CBST is charged.
By this charge, while the Lx pin voltage is "H", high side switch can be turned on continuously. Therefore,
if Lx pin voltage does not become lower than the BST voltage supply regulator, switching may be
abnormal. In the R1245, the output voltage of the BST voltage supply regulator is set at 5V. The abnormal
switching may be caused by the following conditions:
・
VOUT>5V, the difference between VIN and VOUT is small, inductor current is discontinuous by light
load
When the inductor current is continuous, or load current is big enough even if the discontinuous mode,
the forward current of the diode will make Lx pin voltage down and CBST is charged, but at light load, Lx
pin voltage does not become low enough against the BST voltage supply regulator output(5V). The
voltage of CBST is not high enough and drive capability will be down. (Figure 3-①) Due to the lack of the
drive capability, VOUT cannot be maintained, and under-shoot happens to VOUT, Lx pin voltage may become
lower than the BST voltage supply regulator output (5V), but the error amplifier operation may be
abnormal. When the charge of CBST is recovered and normal switching starts, VOUT becomes back to set
output voltage. However, after recovering the VOUT, to recover the error amplifier's operation, some
response time is necessary, during this response time, VOUT may be over-shoot. (Figure 3-②) As a result,
LX pin voltage cannot be low enough against the BST voltage supply regulator output voltage (5V), under-
shoot and over-shoot may be repeated. (Figure 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com