Electronic Components Datasheet Search
  English  ▼

X  

CMS06 Datasheet(PDF) 3 Page - Nisshinbo Micro Devices Inc.

Part # CMS06
Description  1.2 A, 30 V Step-Down DC/DC Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

CMS06 Datasheet(HTML) 3 Page - Nisshinbo Micro Devices Inc.

  CMS06 Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
R1245x
No. EA-269-240903
3
BLOCK DIAGRAM
FB
CE
-
+
Oscillator
*1
BST
Regulator
5V
R
S D
SETPULSE
MAXDUTY
Current Slope
Circui
t
Reference
Soft Start
Circuit(1ms)
-
+
UVLO
0.8V
Regulator
Thermal Shutdown
Peak Current
Limit Circuit
Lx
VIN
GND
Limit Latch
Circuit (4ms)
Shutdown
*1
R1245x Block Diagram
*1
Version
Oscillator Frequency
Short Protection Type
A
330 kHz
330 kHz
B
330 kHz
330 kHz
C
500 kHz
500 kHz
D
500 kHz
500 kHz
E
1000 kHz
1000 kHz
F
1000 kHz
1000 kHz
G
2400 kHz
2400 kHz
H
2400 kHz
2400 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com