Electronic Components Datasheet Search
  English  ▼

X  

CMS06 Datasheet(PDF) 1 Page - Nisshinbo Micro Devices Inc.

Part # CMS06
Description  1.2 A, 30 V Step-Down DC/DC Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

CMS06 Datasheet(HTML) 1 Page - Nisshinbo Micro Devices Inc.

  CMS06 Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
R1245x Series
1.2 A, 30 V Step-Down DC/DC Converter
No. EA-269-240903
1
OUTLINE
The R1245x is a CMOS-based Step-down DC/DC converter with internal N-channel high side Tr. The ON
resistance of the built-in high-side transistor is 0.35  and the R1245x can provide the maximum 1.2 A output
current. Each of the ICs consists of an oscillator, a PWM control circuit, a voltage reference unit, an error
amplifier, a phase compensation circuit, a slope compensation circuit, a soft-start circuit, protection circuits, an
internal voltage regulator, and a switch for bootstrap circuit. The ICs can make up a step-down DC/DC
converter with an inductor, resistors, a diode, and capacitors.
The R1245x is a current mode operating type DC/DC converter without an external current sense resistor, and
realizes fast response and high efficiency. As an output capacitor, a ceramic type capacitor can be used with
the R1245x. The options of the internal oscillator frequency are preset at 330 kHz for version A and B, 500
kHz for version C and D, 1000 kHz for version E and F, 2400 kHz for version G and H.
As for protection, an Lx peak current limit circuit cycle by cycle, a thermal shutdown function and an under
voltage lockout (UVLO) function are built in. Furthermore, there are two types for short protection, for A/C/E/G
version, a latch protection function which makes the output latch off if the output voltage keeps lower than the
set output voltage for a certain time after detecting current limit is built in, for B/D/F/H version, a fold-back
protection function which changes the oscillator frequency slower after detecting short circuit or equivalent.
As for the packages of the R1245x, HSOP-8E, DFN(PL)2020-8, SOT23-6W are available.
FEATURES
• Operating Voltage ·········································· 4.5 V to 30 V
• Internal N-channel MOSFET Driver ······················ Typ. RON = 0.35 
• Adjustable Output Voltage with External Resistor ···· 0.8 V or more
• Feedback Voltage and Tolerance ························· 0.8 V1.0%
• Peak Current Limit············································ Typ. 2.0 A
• UVLO Function Released Voltage························ Typ. 4.0 V
• Operating Frequency ········································ 330 kHz (Ver. A/B), 500 kHz (Ver. C/D),
1000 kHz (Ver. E/F), 2400 kHz (Ver. G/H)
• Fold-back Protected Frequency··························· 170 kHz (Ver. B/D), 250 kHz (Ver. F), 400 kHz (Ver. H)
• Latch Protection Delay Time ······························· Typ. 4 ms (Ver. A/C/E/G)
• Ceramic Capacitors Recommended for Input and Output.
• Stand-by Current·············································· Typ. 0 A
• Packages ······················································· SOT-23-6W, DFN(PL)2020-8, HSOP-8E


Similar Part No. - CMS06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS06 TOSHIBA-CMS06 Datasheet
156Kb / 5P
Switching Mode Power Supply Applications
CMS06 TOSHIBA-CMS06 Datasheet
118Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
logo
Comchip Technology
CMS06P10V8-HF COMCHIP-CMS06P10V8-HF Datasheet
547Kb / 6P
MOSFET
REV:A
logo
Toshiba Semiconductor
CMS06 TOSHIBA-CMS06_06 Datasheet
156Kb / 5P
Switching Mode Power Supply Applications
CMS06 TOSHIBA-CMS06_13 Datasheet
168Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
More results

Similar Description - CMS06

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SPI-8010A ALLEGRO-SPI-8010A Datasheet
244Kb / 9P
3 A, DC/DC Step-Down Converter
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
STMicroelectronics
STEVAL-ISA047V1 STMICROELECTRONICS-STEVAL-ISA047V1 Datasheet
214Kb / 4P
1.5 A / 1.2 V step-down DC-DC converter demonstration board based on the ST1S03A
30-Jun-2009
logo
Texas Instruments
LM3281 TI1-LM3281 Datasheet
1Mb / 26P
3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com