Electronic Components Datasheet Search
  English  ▼

X  

CMS06 Datasheet(PDF) 21 Page - Nisshinbo Micro Devices Inc.

Part # CMS06
Description  1.2 A, 30 V Step-Down DC/DC Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

CMS06 Datasheet(HTML) 21 Page - Nisshinbo Micro Devices Inc.

Back Button CMS06 Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
R1245x
No. EA-269-240903
21
Table 2. Recommended External Components Examples (Considering All the Range)
Symbol
Condition
Value
Parts Name
MFR
CIN
50 V/ X5R
10 F
UMK325BJ106MM-P
TAIYO YUDEN
50 V/ X5R
10 F
CGA6P3X7S1H106K
TDK
50 V/ X7R
4.7 F
GRM31CR71H475KA12L
Murata
50 V/ X7R
2.2 F
GRM31CR71H225KA88L
Murata
COUT
50 V/ X5R
10 F
UMK325BJ106MM-P
TAIYO YUDEN
50 V/ X5R
10 F
CGA6P3X7S1H106K
TDK
50 V/ X7R
10 F
KTS500B106M55N0T00
Nippon Chemi-Con
25 V/ X7R
10 F
GRM31CR71E106K
Murata
10 V/ X7R
22 F
GRM31CR71A226M
Murata
16 V/ B
47 F
GRM32EB31C476KE15
Murata
10 V/ X7R
47 F
GRM32ER71A476KE15
Murata
NOTE: The value of COUT depends on
the setting output voltage.
CBST
16 V/ X7R
0.47 F
EMK212B7474KD-T
TAIYO YUDEN
L
1.8 A
10 H
SLF6045T-100M1R6-3PF
TDK
1.65 A
4.7 H
SLF7045T-4R7M2R0-PF
TDK
1.7 A
4.7 H
NR4018T-4R7M2R0-PF
TDK
2.4 A
4.7 H
NR6020T4R7N
TAIYO YUDEN
1.9 A
10 H
NR6028T100M
TAIYO YUDEN
2.3 A
15 H
NR6045T150M
TAIYO YUDEN
1.9 A
22 H
NR6045T220M
TAIYO YUDEN
1.9 A
33 H
NR8040T330M
TAIYO YUDEN
1.7 A
2.2 H
VLCF4020T-2R2N1R7
TDK
1.65 A
2.2 H
NR4012T2R2M
TAIYO YUDEN
1.8 A
1.5 H
NR3015T1R5N
TAIYO YUDEN
1.8 A
1.0 H
NR4010T1R0N
TAIYO YUDEN
D
30 V/ 2.0 A
0.37 V
CMS06
TOSHIBA
40 V/ 2.0 A
0.55 V
CMS11
TOSHIBA
RCE
An up diode is formed between the CE pin and the VIN pin as an ESD protection element.
If the CE pin may become higher than the voltage of the VIN pin, connect the 10 kΩ resistance
between the CE pin and VIN pin, to prevent a large current from flowing into the VIN pin from
the CE pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com