Electronic Components Datasheet Search
  English  ▼

X  

CMS06 Datasheet(PDF) 20 Page - Nisshinbo Micro Devices Inc.

Part # CMS06
Description  1.2 A, 30 V Step-Down DC/DC Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

CMS06 Datasheet(HTML) 20 Page - Nisshinbo Micro Devices Inc.

Back Button CMS06 Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
R1245x
No. EA-269-240903
20
*1 Divider Resisters Values and Possible Setting Range of Input/ Output
VOUT
[V]
R1 (RUP)
[kΩ]
R2 (RBOT)
[kΩ]
Input Voltage Range [V]
Ver. A/B
Ver. C/D
Ver. E/F
Ver. G/H
0.8
0
open
4.5 to 20
4.5 to 13.5
4.5 to 7
-
0
16
1
4
16
4.5 to 25.5
4.5 to 17
4.5 to 8.5
-
1.2
8
16
4.5 to 30
4.5 to 20
4.5 to 10
-
6
12
1.5
10.5
12
4.5 to 30
4.5 to 25
4.5 to 12.5
4.5 to 5.5
14
16
1.8
20
16
4.5 to 30
4.5 to 30
4.5 to 15
4.5 to 6.5
15
12
2
24
16
4.5 to 30
4.5 to 30
4.5 to 17
4.5 to 7
1.8
1.2
2.5
34
16
4.5 to 30
4.5 to 30
4.5 to 21
4.5 to 9
25.5
12
2.55
1.2
3.3
3.75
1.2
4.5 to 30
4.5 to 30
4.5 to 27.5
4.5 to 12
5
6.3
1.2
5.5 to 30
5.5 to 30
6 to 30
7 to 18.5
6
7.8
1.2
6.5 to 30
6.5 to 30
7 to 30
8 to 20
9
12.3
1.2
10 to 30
10 to 30
11 to 30
12 to 30
12
16.8
1.2
13 to 30
13 to 30
14 to 30
16 to 30
15
21.3
1.2
16.5 to 30
16.5 to 30
17 to 30
20 to 30
24
34.8
1.2
26.5 to 30
26.5 to 30
27.5 to 30
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com