Electronic Components Datasheet Search
  English  ▼

X  

CMS06 Datasheet(PDF) 29 Page - Nisshinbo Micro Devices Inc.

Part # CMS06
Description  1.2 A, 30 V Step-Down DC/DC Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

CMS06 Datasheet(HTML) 29 Page - Nisshinbo Micro Devices Inc.

Back Button CMS06 Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 26Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 27Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 28Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 29Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 30Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 31Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 32Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 33Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
R1245x
No. EA-269-240903
29
MINIMUM ON TIME
The minimum On time of the R1245 is Typ.110ns. 110ns derives from the current sense circuit delay
time and stability.
The R1245 has adopted current mode control without an external sense resistance. Instead of the
external sense resistance, the on resistance of the N-channel driver: RON is used. VIN-VLX=ILX×RON,
therefore ILX (inductor current) can be sensed. ILX can be sensed during the on time of the N-channel
driver, (LX="H"), if Lx switching surge is sensed just after turning on, the operation may be abnormal,
therefore, just after turning on the N-channel driver, sensing is stopped for a short period and avoid the
error by the switching surge.
Therefore, during this sensing delay time, current mode control and current limit cannot operate
properly.
Figure 5. X-axis: On time, Y-axis: Current limit
By this current sense delay time, 110ns or less, current limit circuit has also delay time, and detecting
current increases drastically. This delay time includes the signal delay time from the current sense circuit
to the driver.
Figure 5. On time and Lx current limit, Lx pin current peak value ILXLIM
This could be applied to the current mode control. Therefore, 110ns or less, current mode control
does not work correctly, and operation becomes like a low stability voltage control mode.
Thus, if the condition of switching on time of the R1245 becomes less than 110ns, stability and
current limit detecting accuracy are deteriorated. The higher the switching frequency and the input
voltage, the higher current limit detecting threshold is and output and GND short must be cared. Under
such conditions, the stability must be assured by the external components, and over current protection
other than the IC is necessary. (ex. Using a fuse with the IC.)
1.8
2
2.2
2.4
2.6
2.8
3
50
100
150
200
250
300
350
Ontime [ns]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com