Electronic Components Datasheet Search
  English  ▼

X  

CMS06 Datasheet(PDF) 13 Page - Nisshinbo Micro Devices Inc.

Part # CMS06
Description  1.2 A, 30 V Step-Down DC/DC Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

CMS06 Datasheet(HTML) 13 Page - Nisshinbo Micro Devices Inc.

Back Button CMS06 Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
R1245x
No. EA-269-240903
13
Ripple Current and Lx Current Limit
The ripple current of the inductor may change according to the various reasons. In the R1245x, as an Lx
current limit, Lx peak current limit is used. Therefore the upper limit of the inductor current is fixed.
The peak current limit is not the average current of the inductor (output current). If the ripple current is large,
peak current becomes also large. The characteristic is used for the fold-back current limit of version B/D/F/H.
In other words, the peak current limit is maintained and the switching frequency is reduced, as a result, the
average current of the inductor is reduced. To release this condition, at 170 kHz for version B/D, at 250 kHz
for version F, at 400 kHz for version H must not be beyond the peak current limit. In the figure1, the sequence
of the Lx current limit function is described.
t
t
VOUT
VOUT
short
4msec
shutdown
restart
(CE=0→"H")
short
open
open
FB<0.56V
VOUT
IOUT
VOUT
IOUT
FB<0.56V
Limit Latch
(R1245x00x
A/C/E/G)
Fold Back
(R1245x00x
B/D/F/H)
shutdown
4msec
Figure 1. LX Limit function sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com