Electronic Components Datasheet Search
  English  ▼

X  

CMS06 Datasheet(PDF) 5 Page - Nisshinbo Micro Devices Inc.

Part # CMS06
Description  1.2 A, 30 V Step-Down DC/DC Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

CMS06 Datasheet(HTML) 5 Page - Nisshinbo Micro Devices Inc.

  CMS06 Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
R1245x
No. EA-269-240903
5
R1245S Pin Description
Pin No.
Symbol
Description
1
Lx
Lx Switching Pin
2
VIN
Power Supply Pin
3
CE
Chip Enable Pin, Active with ”H”
4
TEST
TEST pin (must be open for user side.)
5
GND
Ground Pin
6
FB
Feedback Pin
7
NC
No connection
8
BST
Bootstrap Pin
* Connect the backside heat radiation tub to GND or same as GND level (recommendation). The tub is connected to the
GND pin.
R1245K Pin Description
Pin No.
Symbol
Description
1
Lx
Lx Switching Pin
2
VIN
Power Supply Pin
3
VIN
Power Supply Pin
4
CE
Chip Enable Pin, Active with ”H”
5
GND
Ground Pin
6
FB
Feedback Pin
7
TEST
Test Pin (must be open for user side.)
8
BST
Bootstrap Pin
* Connect the backside heat radiation tub to GND or same as GND level (recommendation). The tub is connected to the
GND pin.
R1245N Pin Description
Pin No.
Symbol
Description
1
BST
Bootstrap Pin
2
GND
Ground Pin
3
FB
Feedback Pin
4
CE
Chip Enable Pin, Active with ”H”
5
VIN
Power Supply Pin
6
Lx
Lx Switching Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com